Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD16 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD16
Description  Self-Detecting Dual-Comb Spectroscopy with Injection-Locked QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD16 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD16 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD16 Rev. A
Page 3
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
RESULTS
The integrated self-detecting DCS system achieved
broad spectral coverage of approximately 68 cm-1 at
4.6 µm, with strong signal-to-noise ratios (SNRs) ranging
from 25 dB to 40 dB, nearly doubling the SNRs of 10 dB
to 25 dB from systems without RF injection. Injection-
locking maintained excellent comb coherence and stability,
even under moderate optical feedback conditions,1
as shown in
Figure 3. This precise synchronization
between the two QCL frequency combs ensured uniform
mode spacing and minimized phase noise across the
entire spectral band, allowing for accurate spectral
reconstruction and consistent multi-heterodyne signal
generation
over
extended
measurement
periods.
Beyond stability, the team explored the system’s high-speed
modulation capability, successfully operating the QCL combs
up to the fourth-order harmonic state with a cutoff frequency
of 40 GHz.1 This cutoff frequency at -15dB is substantially
improved from a conventional device, which only achieved
a 3 GHz cutoff frequency. The spectrum of the two combs
exhibited a coverage of roughly 1.4 GHz, containing
approximately 200 comb lines, as illustrated in
Figure 4.
This wide spectral distribution highlights the system’s
Figure 3. Spectral characterizations for HMIWG QCLs under various RF modulation conditions. a) Spectral sweeping
under different RF injection power at Δf=0MHz. b) Spectra for sweeps of the RF injection frequency at RF power=30dBm.
c) Mode number as a function of the injection power when Δf=0MHz and injection frequency at RF power=30dBm,
respectively. d) Spectral characterizations at RF power=30dBm under different frequency detuning Δf=1, 0, −1MHz,
respectively, and compared that with no RF injection. e) Spectral characterizations of second-harmonic injection and
third-harmonic injection at RF power=15 dBm and Δf=0MHz, respectively, and comparison with no RF injection.1
ability to sustain coherent emission across a dense optical
bandwidth while maintaining excellent mode uniformity.
Researchers achieved a broad RF comb bandwidth of
1.4 GHz and observed a narrow tooth linewidth ≈ 10 kHz.1
The high-frequency response and dense comb structure
enable precise, broadband acquisition of molecular features
and enhance time-resolved measurement capability for
dynamic samples.
The
combination
of
self-detection,
high-frequency
performance, high-speed, RF injection, and compact design
demonstrates how the integrated QCL platform bridges
the gap between laboratory-grade precision and industrial
practicality. With a simplified optical layout and reliable mid-
infrared signal generation, the researchers demonstrated a
robust, stable, high-speed spectroscopic platform capable
of molecular fingerprinting and trace-gas analysis with
excellent SNR and repeatability. These results highlight a
major step toward field-deployable, mid-infrared, injection-
locked DCS instruments for environmental monitoring,
high bit-rate optical communication, multiphoton imaging,
and astronomical frequency comb generation1, offering the
performance of traditional bench-top systems in a scalable,
practical form.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com