Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD16 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD16
Description  Self-Detecting Dual-Comb Spectroscopy with Injection-Locked QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD16 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD16 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD16 Rev. A
Self-Detecting Dual-Comb
Spectroscopy with Injection-
Locked QCLs
November, 2025
Page 1
ABSTRACT
Researchers from Beijing, China and Evanston, IL, have developed a self-detecting mid-infrared dual-comb spectroscopy
system based on high-speed, injection-locked quantum cascade lasers (QCLs). The innovative setup integrates laser
generation and detection within the same semiconductor device, eliminating the need for external photodetectors. This
compact and robust design simplifies alignment and enables broadband, high-resolution molecular spectroscopy. The
design minimizes optical feedback and enables high-bandwidth self-detection with the effective radio frequency injection-
locked QCLs. Researchers observed a spectral range of 68 cm-1 and a narrow comb tooth linewidth of ~10 kHz without an
external detector or numerical process. The result is a breakthrough in mid-infrared sensing, achieving broadband spectral
coverage and ultra-stable operation for molecular sensing and spectroscopy applications.
INFRARED & FREQUENCY COMBS
Mid-infrared spectroscopy is a cornerstone of modern
molecular analysis because many gases and organic
compounds
exhibit
strong
fundamental
vibrational
transitions in this wavelength range. These transitions
produce distinct absorption features that act as
optical fingerprints, enabling precise identification and
quantification of chemical species. The high sensitivity and
selectivity of mid-IR spectroscopy make it essential for
detecting trace gases, monitoring emissions, and analyzing
complex mixtures across a wide range of scientific and
industrial applications.
This spectral region is particularly valuable because it
contains the strongest absorption lines for key molecules
such as carbon dioxide, methane, ammonia, and sulfur
compounds. Accessing these features allows exceptionally
accurate chemical sensing, supporting applications in
environmental monitoring, industrial process optimization,
atmospheric research, and medical diagnostics. Quantum
cascade lasers (QCLs), a leading mid-IR source, offer high
power, tunability, and narrow linewidths, enabling precise
targeting of molecular absorption features. Even at very low
concentrations, small spectral shifts reveal subtle changes
in gas composition, making mid-infrared light a powerful
probe for both static and dynamic systems.
The development of optical frequency comb technology has
further expanded the capabilities of infrared spectroscopy.
Frequency combs generate a precise, evenly spaced set
of optical lines that act as an ultra-stable reference grid
across a wide spectral range. When implemented in the
mid-infrared with QCLs, they enable broadband molecular
detection with unmatched spectral accuracy, temporal
resolution, and sensitivity. This combination of mid-IR
light and comb precision has established dual-comb
spectroscopy as a leading technique for rapid, high-fidelity
molecular sensing, advancing both research and industrial
applications where reliability and precision are critical.
PROBLEMS AND GOALS
Conventional mid-infrared dual-comb spectroscopy (DCS)
systems face several major challenges that limit their
practicality outside laboratory environments. Traditional
designs rely on large, high-speed external photodetectors to
capture the multi-heterodyne beat signals from free-running
QCLs, which increases system size, alignment complexity,
and cost. These free-space optical configurations are
highly sensitive to mechanical vibrations and feedback,
often resulting in unstable operation and degraded signal
quality. Additionally, maintaining coherence between the
two frequency combs is difficult, leading to limited radio-
frequency bandwidth and reduced spectral resolution.
Overcoming these obstacles requires a platform that
integrates both laser emission and detection within a single
QCL-based chip. Broad spectral coverage, high stability,
and narrow comb linewidths are essential for precise
molecular spectroscopy and can be achieved through
injection locking the lasers. QCLs are well known for their
fast gain medium due to their sub-ps gain recovery time,
which makes them a suitable photodetector alternative.1
In addition to simplifying instrumentation, long-term stability
and scalability are critical for DCS systems. Minimizing the
number of optical components and leveraging the intrinsic
detection capability of QCLs enhances both operational
robustness and manufacturability. The combination of
compact integration, phase coherence, and environmental
resilience positions self-detecting DCS as a next-generation
solution for real-world spectroscopy systems.


Similar Part No. - CS-LD16

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD10 WAVELENGTH-CS-LD10 Datasheet
2Mb / 5P
Quantification of the Removal and Inactivation of Virus Particles
October, 2023
CS-LD11 WAVELENGTH-CS-LD11 Datasheet
3Mb / 5P
Laser Absorption of Atmospheric Ammonia for Mobile Measurements
July, 2024
CS-LD12 WAVELENGTH-CS-LD12 Datasheet
2Mb / 5P
Real-time Chlorophyll Fluorescence:Enabling Higher Quality Palm Oil During Production
September, 2024
CS-LD13 WAVELENGTH-CS-LD13 Datasheet
1Mb / 5P
Cryogen-Free Solution for Terahertz Absorption Spectroscopy
January, 2025
CS-LD14 WAVELENGTH-CS-LD14 Datasheet
2Mb / 5P
Multicolor Images of Hidden Materials with Interferometry Using THz QCLs
April, 2025
More results

Similar Description - CS-LD16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
logo
List of Unclassifed Man...
STM-16 ETC2-STM-16 Datasheet
231Kb / 6P
16 fold Spectroscopy Amplifier with Discriminators and Multiplicity Trigger
logo
Allegro MicroSystems
ATS617LSG ALLEGRO-ATS617LSG Datasheet
496Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS617 ALLEGRO-ATS617 Datasheet
494Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
logo
SparkFun Electronics
SEN-15050 SPARKFUN-SEN-15050 Datasheet
223Kb / 3P
SparkFun Triad Spectroscopy Sensor - AS7265x (Qwiic)
11??2??8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com