| Electronic Components Datasheet Search |
|
CS-LDTC02 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LDTC02 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc. |
|
2 / 5 page ![]() Case Study CS-LDTC02 Rev. A Page 2 © 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com Raman scattering, however, has a dependence on the vibronic states, and the photon has a net energy change. Depending on whether this net energy change is negative or positive, the scattering is called "Stokes-Raman scattering" or "Anti-Stokes-Raman scattering." The two energy-level diagrams are shown in Figure 2. 1 Intermediate State 0 1 0 ν i ν f ν i > νf ν i ν f ν i < νf Vibronic State ΔE R ΔE R } { Figure 2. Energy-level diagram for Raman scattering. On the left is Stokes-Raman and on the right is anti- Stokes-Raman scattering. In the two Raman cases, the net energy change of the photon is non-zero (making it an inelastic collision), since the medium does not return to its original state post-scattering. Let the energy difference between the ground state (0) and the vibronic state be defined as ΔE R = hνR . (3) In the Stokes case, the net energy of the medium is higher than it was originally, meaning that the scattered photon must have less energy (lower frequency) than it did initially. The opposite is true for the anti-Stokes case. The original energy of the medium is higher than the final, meaning that the scattered photon must have more energy (higher frequency) than the incoming photon. Letting Stokes-Raman and anti-Stokes-Raman scattering be denoted by the subscript "S" and "AS" respectively, the net energy change of the photon due to the scattering in the two cases is ΔE γ,S = -hνR , (4) for Stokes scattering, and ΔE γ,AS = +hνR , (5) for Anti-Stokes scattering. In equilibrium, the majority of the population of the medium is in its lowest energy state (0). A small fraction can be in various excited states. Due to this, the Stokes-Raman scattering is much more likely than anti-Stokes-Raman. With respect to spectroscopy, this also means that the signal due to Stokes-Raman scattering is much higher. As a spectroscopic example, for a laser illuminating a homogenous medium with frequency ν L, the resulting spectrum can be illustrated as shown below in Figure 3. Stokes-Raman Anti-Stokes-Raman ν L - νR ν L ν L + νR v Non-Scattered Light Figure 3. After the sample has been illuminated, the scattered light returning to the detector is either Stokes- shifted, non-scattered, or anti-Stokes-shifted. An important note to make about both Rayleigh and Raman scattering is that there is no "absorption" of the photon by the medium. The photon interacts with the medium via an elastic (Rayleigh) or an inelastic (Raman) collision. In Raman scattering, there is an energy transfer between the medium and the photon due to this collision. This energy transfer causes the energy of the photon to not be conserved. Raman spectroscopy involves illumination of a sample with a laser, and subsequent detection of the scattered light with a spectrometer. Since Raman scattering involves energy transitions between the ground state and the neighboring vibronic states, which are very close in energy, the Raman signals can be very hard to distinguish. Care must be taken to filter out the original illumination beam, laser-induced fluorescence, as well as extraneous light. All of these signals impact the resolution of the Raman spectrum, as they can be orders of magnitude stronger than the collected Raman signals. Additionally, it is worth noting that the presentation of Raman spectra typically take a different form than other spectra. Where other spectra might have the horizontal axis in terms of wavelength, frequency, or wavenumber, Raman spectra present the horizontal axis as a shift in wavenumber from the incident light. This choice is made because of the small energy differences being measured. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |