Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC02 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LDTC02
Description  Portable Shifted Excitation Raman Difference Spectrometer For In-Situ Field Measurements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC02 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LDTC02 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LDTC02 Rev. A
Page 4
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
WAVELENGTH'S ROLE
The researchers chose to use Wavelength Electronics laser
drivers and temperature controllers for this application.
The four laser drivers provided accurate current, while
the temperature controller provided a stable operating
temperature. Both are necessary for precise wavelength
control of the laser.
LASER DIODE DRIVERS - LDD400
In order to have control over both excitation wavelengths,
a Y-branch coupler was utilized. This coupler had four
independent current control points, allowing complete
control and adaptability for wavelength and power output
of the probe. Each point was controlled by a Wavelength
LDD400.
Wavelength 1
Wavelength 1+2
Wavelength 2
I
1
I
2
I
3
I
4
Figure 6. Illustration of the Y-branch used to control
the two independent wavelengths and output power.
Current control sites are labeled I
1-I4. Wavelength 1 and
2 come into the Y-branch separately, and are combined
to a single output.
By having precision current control, the researchers were
able to ensure that the SERDS system would be stable
throughout the whole measurement range, in addition to
keeping the 10cm-1 difference between the two. By varying
the currents used, they were able to tune the output power
anywhere from 0mW to 120mW, while keeping the center
wavelength within approximately 1.5cm-1 of the desired
output. Additionally, the stability of the bandwidth (FWHM)
was kept under 0.8cm-1 throughout the whole power range.
The LDD400 offers low noise operation up to 400 mA,
which offered crucial laser control for each of the current
control locations on the Y-branch.
TEMPERATURE CONTROLLER - HTC1500
Another key element to the stability of the laser system is
the temperature control. The output wavelength of diode
lasers is dependent on their operating temperature. Since
the Raman shift is inherently dependent on the incident
wavelength (or frequency), it is crucial that the temperature
of the laser be stable.
The researchers chose to use the Wavelength Electronics
HTC1500 to control the thermoelectric used for temperature
control. This allowed them to keep the laser operating
temperature at 25°C.
Operation of the probe was studied while using a hot plate
on the probe casing to determine if handheld use would
impact the stability of the laser. With the probe casing at
36°C, the HTC1500 kept the laser temperature stable at
25°C. The researchers found that there was no noticeable
change in stability due to simulated handheld use of the
probe in an hour long test.
With its 0.009°C stability, and low-profile design, the
HTC1500 met the standards required for performance and
size to enable portability of the SERDS system.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com