Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC02 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LDTC02
Description  Portable Shifted Excitation Raman Difference Spectrometer For In-Situ Field Measurements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC02 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LDTC02 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LDTC02 Rev. A
Page 5
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Raman, scattering, spectroscopy, Shifted Excitation
Raman Difference Spectroscopy, SERDS, laser driver,
temperature controller, in-situ, near infrared, NIR
PRODUCTS USED
LDD400, HTC1500
REVISION HISTORY
Document Number: CS-LDTC02
REVISION
DATE
NOTES
A
August 2017
Initial Release
REFERENCES
1. M. Maiwald, A. Müller, B. Sumpf, "In-situ shifted excitation Raman difference spectroscopy: development and
demonstration of a portable sensor system at 785 nm," Proc. of SPIE
10054, Advanced Biomedical and Clinical
Diagnostic and Surgical Guidance Systems XV, 1005409 (2017).
2. C. V. Raman, "A new radiation," Indian J. Phys.
2, 387-398 (1928).
3. R. W. Boyd, Nonlinear Optics - Third Edition (Academic Press, 2008), Chap. 10.
4. G. S. He, Nonlinear Optics and Photonics (Oxford University Press, 2015), Chap. 7.
5. MIT Spectroscopy - Research in Biomedical Optics, "Non-Invasive Measurement of Blood Analytes using Raman
Spectroscopy," http://web.mit.edu/spectroscopy/research/biomedresearch/Methods.html
USEFUL LINKS
•
LDD400 Product Page
•
HTC1500 Product Page
SUMMARY
Researchers from Berlin designed and built a portable
measurement system to make field measurements. The
system utilized Shifted Excitation Raman Difference
Spectroscopy (SERDS), which is a variation of Raman
spectroscopy.
In addition to the portability, the stability of the laser system,
driven by four LDD400s and temperature controlled by an
HTC1500, was found to be better than the resolution of the
spectrometer being used to analyze the signal. Thorough
stability tests were performed, varying the temperature of
the case, the injection currents, and the power output.
Raman spectroscopy, dealing with very small energy
changes, can have difficulties if the background signal
is high. SERDS, by collecting two spectra, and taking
the difference between them, allowed the unwanted
background to be effectively discarded.
With the background greatly reduced, and the Raman
signal resolved, the researchers studied apple leaves with
great resolution in the field. Chlorophyll and cartenoid lines
could be resolved with the leaves still on the tree.
RESULTS
With the stable, portable SERDS system, the researchers
moved their measurements from the lab to the field. They
took their system to an apple orchard in Switzerland, where
they studied leaves on the apple trees.
Utilizing two laser wavelengths around 785, separated
again by approximately 10cm-1, the researchers performed
their SERDS experiment on the apple leaves.
In the initial Raman spectra, the background noise is
enormous due to the ambient daylight conditions, and
atmospheric absorption. Only a single Raman line is
discernable in the original spectra.
After subtracting the two initial spectra, and reconstructing
the SERDS Raman spectra, the researchers found an 11-
fold improvement on the signal-to-noise ratio of the Raman
line that was visible previously.
In addition to clarifying that Raman line, the reconstructed
SERDS spectrum has minimal background noise, and
is able to resolve Raman lines of cholorophyll and
carotenoids, which match known values.
For plots of the results, see the full paper here.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com