| Electronic Components Datasheet Search |
|
CS-LDTC02 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LDTC02 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc. |
|
1 / 5 page ![]() © 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com Case Study CS-LDTC02 Rev. A Portable Shifted Excitation Raman Difference Spectrometer For In-Situ Field Measurements August, 2017 Page 1 ABSTRACT Building upon the principle of Raman spectroscopy, Shifted Excitation Raman Difference Spectroscopy (SERDS) is a method that has promising advantages over its predecessor. Already proven to minimize the effect of background noise, and reduce measurement time, the advent of smaller light sources, detectors, and controllers is allowing these spectroscopic techniques to be moved from the lab to the field. Researchers from Berlin, at the Ferdinand-Braun-Institut, Leibniz-Institut für Höchstfrequenztechnik have presented a handheld, highly precise SERDS probe that is portable. This portability allows in-situ measurements of apple leaves as a proof of concept. This method could potentially be used in the medical and security fields in the future. INTRODUCTION TO RAMAN SCATTERING First discovered by Sir C. V. Raman in 1928, Raman scattering is an inelastic process. It is comprised of photons interacting with the different energy states of a molecule. The energy states that the photons interact with can either be electronic levels, or their neighboring vibronic levels. Prior to the discussion of Raman scattering, some of the formalism of scattering will be developed using Rayleigh scattering as an example. Rayleigh scattering is an elastic process, meaning that the energy of the photon is conserved. It has no dependence on vibrational states of the molecule, and can be described by the energy-level diagram in Figure 1. 1 Intermediate State 0 ν i ν f ν i = νf a b c d Vibronic State Figure 1. Energy-level diagram for Rayleigh scattering. (a) An incoming photon interacts with the medium. (b) The medium gets excited to an intermediate state. (c) The medium de-excites back to the ground state. (d) The scattered photon exits with the same frequency. The mathematics that describes the energy-level diagram are based on the relationship between photon frequency (ν) and energy (E), E = hν , (1) where h is Planck's constant. Thus, the overall energy change of the photon is ΔE = E f - Ei , ΔE = hν f - hνi , ΔE = 0 , (2) since, for Rayleigh scattering, the incoming and outgoing photons have the same frequency. |
Similar Part No. - CS-LDTC02 |
|
Similar Description - CS-LDTC02 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |