Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC02 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC02
Description  Portable Shifted Excitation Raman Difference Spectrometer For In-Situ Field Measurements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC02 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC02 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC02 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LDTC02 Rev. A
Page 3
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
SHIFTED EXCITATION RAMAN
DIFFERENCE SPECTROSCOPY
Raman spectroscopy has found applications ranging
from geology to medicine. With the advancement of near-
infrared (NIR) light sources, the ability to make accurate
measurements has made Raman spectroscopy a highly
useful tool in many fields.
Raman spectroscopy has many different variations. These
variations all are fundamentally based on Raman scattering,
and have been modified to fit specific applications. The
researchers from Berlin chose to utilize a method called
Shifted Excitation Raman Difference Spectroscopy
(SERDS). It is a method of accurately detecting chemical
composition.
As described in their paper, SERDS offers advantages
over classic Raman spectroscopy, by "[being] a powerful
spectroscopic tool to separate Raman signals from
background interferences," and "[having] the potential to
reduce the overall measurement time."
The ability to remove the background signal is one of the
key elements to making in-situ measurements, as the
ambient daylight conditions can saturate the measurement
system.
A shorter time of measurement is ideal for practical
applications of SERDS, including mid-surgery diagnoses.
In SERDS, illumination occurs by two laser beams that
are slightly shifted in wavelength (less than a nanometer).
Both of these beams excite the sample, and two separate
Raman spectra are acquired. These two Raman spectra are
then subtracted in order to discard extraneous signals, such
as those described above. Once the subtracted spectra
are obtained, an algorithm then creates a reconstructed
SERDS Raman spectrum.
Raman
Spectrum 1
Raman
Spectrum 2
SERDS
Spectrum
Reconstructed
SERDS Raman
Spectrum
Figure 4. Method for obtaining accurate SERDS Raman
spectra.
A PORTABLE SERDS SYSTEM
In order for the researchers to take full advantage of
their SERDS system, it needed to be able to make in-situ
measurements. This meant that the whole system needed
to be portable.
They built upon previous design iterations, and designed
a handheld1 SERDS probe, that included the light source,
sensing optics, and was fiber coupled to the spectrometer.
LIGHT SOURCE
The laser line at 785nm was chosen to minimize laser-
induced fluorescence of the sample. Another advantage
of this wavelength choice is that typical silicon (Si) CCD
detectors are still sensitive at this wavelength.
Since SERDS requires two excitation wavelengths, slightly
shifted, the laser system has the ability to emit at two
wavelengths around 785nm, separated by approximately
10cm-1. Utilizing ridge waveguides, the system is able to
combine the two beams into a single output beam.
SENSING OPTICS
The probe is designed such that the output beam and
the collected signal beam are colinear. As such, the
filtering required must be able to discard the ambient light,
fluorescence, and 785nm light to maximize the Raman
signal to the spectrometer. The researchers also chose to
design the system such that the anti-Stokes shifted light
was also discarded.
DWL
F1
F2
FC
Output Beam
Return Signal
Figure 5. Schematic of handheld SERDS probe. DWL
is the dual wavelength laser, F1 filters out wavelengths
other than 785nm, F2 filters out non-Stokes-shifted
signal, FC is the fiber coupler. The return signal (dashed
line) is offset for clarity.
1 120 mm x 28 mm x 12 mm (4.72" x 1.10" x 0.47")



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com