Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC07 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC07
Description  Room Temperature Terahertz Frequency Comb Using Quantum Cascade Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC07 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LDTC07 Rev. A
Page 2
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
SOLUTION DESIGN
To down-convert to the THz range, another mid-IR comb or
a single mode is needed at a different frequency. This must
be generated in the same cavity simultaneously, or it must
be generated with two QCL sources as in Reference 2. It is
difficult for QCLs to emit two separate wavelengths at the
same time owing to the gain competition of the QCL design.
Solutions to this problem can bring dispersion in the cavity
and can suppress comb operation.
Researchers from Northwestern University, Illinois have
developed a THz frequency comb using a mid-IR QCL and
difference-frequency generation. A distributed feedback
(DFB) grating is inserted into the QCL cavity so a single
mode can be created along with the harmonic comb at the
same time. The DFB grating is largely frequency-detuned to
ensure the emission of both the single mode and harmonic
comb. This wavelength is detuned ~80-90 cm-1 with regards
to the comb emission wavelength.1 This generates the least
effect on laser dispersion. This DFB grating design in the
cavity of the QCL does not negatively affect the four-wave
mixing for comb operation.
Figure 2 shows the QCL and
DFB grating design.
Figure 2. Schematic of largely detuned DFB QCL
design for THz frequency comb operation. Both the
single-mode (λ
1) and harmonic (λ2) states are shown in
the QCL cavity to produce the THz frequency comb (λ
THz).
Also shown are the layers of the QCL material and the
DFB addition1
Figure 3 shows the single-mode and multimode (harmonic
comb) state generation from the single mid-IR QCL. The
current is increased from two single-mode states operation
to a stable harmonic comb and a single mode state
operation above 1.5 A.
Figure 3. On-chip generation of single mode and
multimode comb from a single mid-IR QCL. Lasing
mid-IR spectra of a 4-mm long DFB QCL evolving with
currents from 1.2 to 1.60 A at room temperature in
continuous wave operation1
The DFB QCL device generates two distinct states: a
single mode (
λ
1 = 7.25 µm) and a multimode emission
(
λ
2 = 7.81 µm) with mode separation of 14 or 22 times the
FSR depending on the current. Lu states,
The impact of the DFB element is twofold. The single mode
emission resulted from the DFB section forms a spatial
population grating in the cavity and induces an incoherent gain
for multimode operation near the gain peak at higher currents.
On the other hand, the beating between the single DFB mode
and the multimode introduces additional population pulsation
nonlinearity which in turn contributes to the mode skipping of the
multimode emission in the working current range.1
Conventional mid-IR detectors are not useful in this
experiment to analyze the comb operation as the mode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com