Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC07 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LDTC07
Description  Room Temperature Terahertz Frequency Comb Using Quantum Cascade Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC07 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LDTC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LDTC07 Rev. A
Page 5
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Quantum Cascade Laser, Frequency Comb, Room
Temperature, Terahertz, Harmonic, Distributed-feedback
Grating, Mid-IR, Multiheterodyne Spectroscopy
PRODUCT USED
QCL2000 LAB, PTC10K-CH, TC5 LAB
REVISION HISTORY
Document Number: CS-LDTC07
REVISION
DATE
NOTES
A
June 2020
Initial Release
REFERENCES
1. Lu, Q., Wang, F., Wu, D. et al. Room temperature
terahertz semiconductor frequency comb. Nat Commun
10, 2403 (2019). doi.org/10.1038/s41467-019-10395-7
2. Kazakov, D. et al. Self-starting harmonic frequency
comb generation in a quantum cascade laser. Nat.
Photonics
11, 789–792 (2017).
doi.org/10.1038/s41566-017-0026-y
3. Paschotta, R. Frequency Combs. RP-Photonics.com.
https://www.rp-photonics.com/frequency_combs.html
4. Piccardo, M. et al. Radio frequency transmitter based
on a laser frequency comb. Proc. Natl Acad. Sci. USA
116, 9181 (2019). doi.org/10.1073/pnas.1903534116
USEFUL LINK
•
QCL2000 LAB Product Page
•
PTC10K-CH Product Page
•
TC5 LAB Product Page
OPEN ACCESS
The figures and data used for this case study were obtained
from Reference 1. The article (Ref. 1) is distributed under
terms of Creative Commons Attribution 4.0 International
License
(https://creativecommons.org/licenses/by/4.0/),
which permits unrestricted use, distribution, and
reproduction in any medium, provided that you give
appropriate credit to the original authors and the source,
provide a link to the Creative Commons license, and
indicate if changes were made.
Figures 2 and 4 were cropped or the format was changed.
No changes were made to the other images. They are
presented here in their original form.
The captions for Figures 2 and 4 have been modified from
their original form.
WAVELENGTH'S ROLE
The QCLs operation state is highly dependent on the
injection current. Because the harmonic comb state is
accomplished with slightly more current than single-mode
state, it is crucial that the QCLs are properly and accurately
driven and have stable temperature control.
Wavelength Electronics' QCL2000 LAB QCL drivers
(
Figure 6 left) provide up to 2.0 A of current to the QCLs
with noise current as low as 0.4 µA (RMS). The average
noise density of 4 nA/√Hz is necessary for the design of the
room temperature frequency comb. These high-precision
and ultra-low noise current sources provide the necessary
stability for harmonic frequency combs.
Wavelength Electronics' PTC10K-CH temperature controller
(
Figure 6 right) provides up to ±10 A of current to the TEC
to stabilize the temperature of the QCLs. The PTC has
temperature stability of less than 0.0012ºC which surpasses
the required temperature stability of less than 10 mK in the
experiment. The compact and accurate design of the PTC
enables total temperature control of the lasers.
At Harvard University, both studies use Wavelength
Electronics' TC5 LAB (
Figure 6 top) to control the
temperature of the QCLs. The TC5 LAB has temperature
stability as precise as 0.0002ºC which also surpasses the
precision of better than 10 mK required. QCL2000 LABs are
also used to drive the QCLs at the varying current levels
with the same noise levels listed for the Northwestern
University study.
Figure 6. Wavelength Electronics' TC5 LAB (top),
QCL2000 (left), and PTC10K-CH (right)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com