Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC07 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LDTC07
Description  Room Temperature Terahertz Frequency Comb Using Quantum Cascade Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC07 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LDTC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LDTC07 Rev. A
Page 4
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
chip, the stability of the THz comb is greatly improved from
the frequency tuning rates that are shared.1 The THz comb
tuning rates of the emitting frequency and carrier frequency
are estimated to be -.56cm-1/A and 6.9 MHz/mA. These
values are over ten times smaller than the mid-IR comb
values, increasing stability.1
The DFB QCL design has the increased current dynamic
range for harmonic comb operation and increased
reproducibility while operating at room temperature. It has
also decreased complexity in the setup - no cryogenic
cooling or external optical elements are needed. Further
research and experimentation could enable monolithic
control and tuning of emission of harmonic combs as well
as realization of fundamental THz frequency comb through
the DFB QCL design.
ALTERNATIVE APPLICATIONS
selF-starting harmonic Frequency comb
Researchers at Harvard University, Massachusetts
have developed frequency combs using QCLs for other
applications based on a self-starting comb generation
design.2 Researchers from Harvard University have
developed a terahertz harmonic frequency comb using a
QCL device.
This experiment studies the harmonic comb state of
the QCL and its possibilities. Two FP QCLs are used to
produce and confirm the presence of a harmonic comb.
Injected current is increased from the lasing threshold
of single-mode operation to harmonic comb state. The
second FP QCL has a higher injection current to operate
at the fundamental comb state for reference to verify the
equidistant spacing between modes in the harmonic comb
QCL.
This multiheterodyne beating technique allows the
measurement of terahertz-scale beatnote frequency of
the harmonic state. This allows for the sample spectrum
to be down-converted from the optical domain to the
radiofrequency (RF) domain. The RF comb that is created
can be measured and verified using electronic frequency
counters.
The harmonic comb QCL operates with a repetition
rate of 400 GHz, and the reference fundamental comb
QCL operated with a repetition rate of 7.7GHz. The
light emitted from the harmonic comb QCL is passed
through the reference QCL. This enables extraction of the
multiheterodyne signal for verification.
The optical carrier frequency of the laser was found to be
f
c = 66.7 THz with improvements of the stability of the signal
due to the self-detection design using a reference QCL.
This concept utilizes intermodal comb spacing of hundreds
of gigahertz up to the terahertz range. Applications
for this compact comb device range from terahertz
wireless communication systems, telecommunications,
radioastronomy, quantum optics, to spectroscopy seen
in the previous design. Due to the QCL's versatile
composition, microwaves can be generated and modulated
to wirelessly transmit information.2
radio Frequency transmitter
Other research from Harvard University realizes a compact
radio frequency transmitter based on a QCL frequency
comb.4 With demand for wireless communication and
devices increasing, the need for higher frequency
operation also increases. Extremely narrow linewidth
can be generated at room temperature, and modulation
and emission of subterahertz waves are attainable. This
can compensate the growing need for high-frequency
communication technology with high-speed data transfer.
In this experiment, a FP QCL operating in the fundamental
frequency comb state is used with a narrow linewidth beat
note at f
B = 5.5 GHz. An Antenna is attached to the top of
the QCL and connected to two top laser contacts, and a
gap is created in the top electrode. This allows researchers
to use the radio frequency alternating currents from within
the QCL to generate into the antenna enabling wireless
microwave emission as well as the mid-IR radiation output
from the QCL. This creates the Laser Radio Transmitter
(LRT).
An audio analog signal can modulate the laser current which
modulates the laser beat note frequency. This encodes the
baseband information onto the 5.5 GHz carrier wave which
is received by a horn antenna away from the laser. This
signal is filtered and down-converted to fit the bandwidth of
a software-defined radio. The audio track can be retrieved
after demodulation. This device shows the success of a
radio frequency transmitter using a QCL device.
Further advancements show wireless frequency sensitivity
capabilities with the LRT. This would allow the laser
beat note to be wirelessly injection locked to an external
microwave reference. This single device can be used in
applications similar to the ones previously listed.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com