Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC07 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LDTC07
Description  Room Temperature Terahertz Frequency Comb Using Quantum Cascade Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC07 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LDTC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LDTC07 Rev. A
Room Temperature Terahertz
Frequency Comb Using Quantum
Cascade Lasers
June, 2020
Page 1
ABSTRACT
Researchers at Northwestern University, Illinois have designed a terahertz (THz) frequency comb using
a Quantum Cascade Laser (QCL) with a Distributed Feedback (DFB) grating inside the cavity. The DFB
grating addition allows for dual wavelength emission from the QCL. A single-mode state and a harmonic
comb state combine inside the cavity for a THz frequency comb. The device generates THz frequencies
at room temperature without any external optical setup. This allows for a harmonic frequency comb at
3.0 THz with a range of 2.2 to 3.3 THz. With the single QCL dual wavelength emission, the THz comb is
more stable than multiple sources. This devices enables a greater current dynamic range for harmonic
comb operation, especially useful in spectroscopy applications. Two uses of QCL frequency combs
demonstrated by researchers at Harvard University are also discussed.
QCL FREQUENCY COMBS
Quantum Cascade Lasers (QCLs) can be useful for creating
optical frequency combs (OFCs) due to the engineered
properties of intersubband transition, fast phonon scattering,
high power efficiency, and dispersion management.1 QCLs
also exhibit four distinct laser states. Injection currents in
the QCL determine the state from lowest current to highest:
single mode, harmonic frequency comb, fundamental
frequency comb, and high-phase noise state.2 Single mode
state will only emit one mode or frequency peak. Harmonic
frequency combs emit multiple modes equally spaced by
higher harmonics of the cavity free spectral range (FSR).
Fundamental frequency combs emit multiple modes, but
the adjacent cavity modes are populated. High-phase noise
state is when the comb is destabilized and exhibits a high-
phase-noise pedestal.2
Terahertz (THz) QCL combs show potential for
spectroscopy and imaging, but the cryogenic aspect of
operation is a barrier to commercial production. Cryogenic
operation increase setup and application complexity and
cost. Room temperature QCLs for THz frequency combs
are difficult to design compared to the mid-infrared (mid-IR)
QCL.
METHODS & PROBLEMS
When operating in the mid-IR to the THz range, techniques
used to generate OFCs are not easily executed or possible.
Techniques such as difference-frequency generation,
optical parametric oscillation, and photoconductive antenna
have been employed to create OFCs up to the THz range.
However, these techniques require intricate optical layouts.1
Down-converting a mid-IR comb to THz range can prove
difficult. Northwestern University has a novel approach to
eliminate external optics while downconverting.
What is a Frequency comb?
A frequency comb is a laser with a spectrum of
equidistant-spaced frequency peaks (
Figure 1).
This can be used as an optical ruler for frequency
measurements. Performing measurements on a wide
range of frequencies requires a large overall bandwidth
of the frequency comb.3
Figure 1. Frequency Comb Illustration
Optical frequency combs (OFCs) can be generated
with a variety of techniques: mode-locked lasers
(amplitude-modulated),
microresonators,2
optical
parametric oscillation, difference-frequency generation,
and four-wave mixing (FWM).1 Applications include:
metrology, chemical sensing, atomic clocks, wireless
communication, data transmission and spectroscopy.
Optical Frequency
Equidistant
Spacing


Similar Part No. - CS-LDTC07

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LDTC01 WAVELENGTH-CS-LDTC01 Datasheet
339Kb / 3P
Utilizing Quantum Cascade Lasers for Gas Sensing in the Mid-Infrared
April, 2017
CS-LDTC02 WAVELENGTH-CS-LDTC02 Datasheet
514Kb / 5P
Portable Shifted Excitation Raman Difference Spectrometer For In-Situ Field Measurements
August, 2017
CS-LDTC03 WAVELENGTH-CS-LDTC03 Datasheet
1,008Kb / 6P
nullAMethane Detection Using Unmanned Aerial Systems
September, 2017
CS-LDTC04 WAVELENGTH-CS-LDTC04 Datasheet
1Mb / 5P
Eye-safe Atmospheric Lidar Measurements
April, 2019
CS-LDTC05 WAVELENGTH-CS-LDTC05 Datasheet
688Kb / 4P
Laser Diodes in Optofluidics and Microfluidics
April, 2019
More results

Similar Description - CS-LDTC07

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PB7200 EMCORE-PB7200 Datasheet
1Mb / 4P
Portable Frequency Domain Terahertz Spectrometer
logo
Hamamatsu Corporation
L12004-2209H-C HAMAMATSU-L12004-2209H-C Datasheet
544Kb / 8P
Quantum Cascade Laser
logo
Roithner LaserTechnik G...
FP-QCL-9120-100 ROITHNER-FP-QCL-9120-100 Datasheet
169Kb / 2P
FQ Quantum Cascade Lasers in the 9.1
DFB-QCL-9120-100 ROITHNER-DFB-QCL-9120-100 Datasheet
147Kb / 2P
DFP Quantum Cascade Lasers in the 9.12
logo
Emcore Corporation
PB7220-2000-T EMCORE-PB7220-2000-T Datasheet
1Mb / 6P
Portable Frequency Domain Terahertz Spectrometer
logo
BELIMO AIRCONTROLS (USA...
01RT-5B-0 BELIMO-01RT-5B-0 Datasheet
469Kb / 3P
Room Sensor Temperature
22RT-59-1 BELIMO-22RT-59-1 Datasheet
609Kb / 4P
Room Sensor Temperature
P-01RT-5B-0 BELIMO-P-01RT-5B-0 Datasheet
582Kb / 4P
Room Sensor Temperature
logo
Greystone Energy System...
TSPC GREYSTONE-TSPC Datasheet
179Kb / 2P
ROOM TEMPERATURE SENSOR
TSRC GREYSTONE-TSRC Datasheet
196Kb / 2P
ROOM TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com