Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC07 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC07
Description  Room Temperature Terahertz Frequency Comb Using Quantum Cascade Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC07 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC07 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LDTC07 Rev. A
Page 3
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
spacing of the harmonic comb is too great for the bandwidth
of the detector. Researchers at Harvard University2 use a
multi-heterodyne beating experiment between two QCLs.
One QCL is in the harmonic comb state, and the other
QCL is in the fundamental comb state as the reference
comb device. At Northwestern University, a reference
Fabry-Pérot (FP) QCL is used as a reference comb in the
fundamental comb state to verify the THz comb operation.
The FP QCL is operated at a current of 1.52 A to establish
the fundamental state. The DFB QCL is operated at a
current of 1.45 A in the multimode harmonic state. Both
are measured using a Fourier Transform Infrared (FTIR)
Spectrometer. These settings can be seen in
Figure 4.
Figure 4. Multi-heterodyne characterizations based
on the DFB and FP QCL combs. (a) Lasing spectrum of
the FP and DFB combs recorded with the FTIR. Multi-
heterodyne beating of the FP comb at 1.52 A and the DFB
comb at 1.45 A (b), and the DFB comb at 1.55 A (c). Total
acquisition time: 100 ms1
The heterodyne spacing is determined by the frequency
difference between mode spacing of the DFB harmonic
comb and the multiple of FP mode spacing.1 This
experiment confirms the harmonic comb generation of the
DFB QCL.
The DFB QCL, with dual wavelength operation, enables
the second-order difference-frequency generation that can
transfer the mid-IR comb into the THz range.
RESULTS
With this innovative technique, the researchers have
achieved a THz harmonic frequency comb at 3.0 THz at
room temperature with a range of 2.2 to 3.3 THz. All testing
was performed on a thermoelectric cooler (TEC) stage
precisely controlled to room temperature (293 K).
Figure 5
shows the THz frequency results at different currents of the
DFB QCL harmonic comb.
Figure 5. On-chip generation of THz frequency comb
from a mid-IR QCL. Lasing THz spectra of the DFB QCL
comb evolving at different currents from 1.20 to 1.55 A at
room temperature continuous wave operation1
The frequency spacing between modes, in
Figure 5, is
157 GHz for currents from 1.3 - 1.5 A and 245 GHz for
currents above 1.5 A. This corresponds to 14 FSR and
22 FSR mode spacings. Because the two mid-IR pumping
sources are simultaneously generated from the same QCL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com