| Electronic Components Datasheet Search |
|
CS-LDTC10 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LDTC10 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc. |
|
2 / 6 page ![]() Case Study CS-LDTC10 Rev. A Page 2 © 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com WAVELENGTH MODULATION WMS reduces the influence of noise and achieves a high detection accuracy by the use of both low and high frequency signals. The lower frequency signal scans the laser wavelength in a range close to the center wavelength of the laser, as is common in many spectroscopy applications. The higher frequency signal, however, modulates the signal from the laser. Custom tuning of these signals can enhance the signal-to-noise ratio. This is commonly achieved through the injection current or laser driver of the system. To determine gas concentration and other parameters, a photodetector detects the light that passes through the gas. A lock-in amplifier (LIA) detects the harmonic signal of the transmitted laser intensity. The concentration is inversed using the peak value of the second harmonic signal.1 Many different parameters can affect the second harmonic lineshape shown in Figure 2. Figure 2. Schematic diagram for second harmonic signal.1 Environmental parameters and the modulation parameters both affect the lineshape of the second harmonic signal, and related to both of these parameters is the modulation depth. Modulation depth is defined as the ratio of the modulation amplitude to the mean value as seen in Equation 1.1 m = a Δ vc/2 ( 1) where m is the modulation depth, a is the frequency modulation amplitude, and Δvc is the full width at half maximum (FWHM) or the mean value of the gas absorption feature. Modulation depth can bring errors to the concentration inversion results, and it can limit applications of the WMS technique.1 Determining the proper modulation depth and modulation parameters is crucial to WMS, and many researchers have simulated and experimented to find the optimal modulation values. However, when the gas sample is unknown, the modulation depth can not be calculated from parameters such as pressure and temperature. Finding a relationship between the modulation depth and the valley spacing of the second harmonic signal is vital to calculating and calibrating the modulation depth for enhanced measurements with greater signal-to-noise ratio. METHOD Researchers from the Chinese Academy of Sciences and the University of Chinese Academy of Sciences have developed an improved concentration inversion model using the relationship between the modulation depth and the valley spacing of the second harmonic signal. Here the calibrated modulation depth is taken as a parameter in the improved model. To create a new model, researchers started with the Beer-Lambert law and the transmittance coefficient in Equation 2.1 τ (v) = 1 – PS(T) ϕ(v) CL ( 2) where τ(v) is the transmittance coefficient, P is the total pressure of the mixed gas (atm), S(T) is the line strength of the gas absorption feature (cm-2·atm-1) at the temperature T (Kelvin), ϕ(v) is the lineshape function of the gas absorption feature (cm), C is the concentration of the gas (volume fraction), and L is the effective optical path length (cm). Through Fourier expansions and many substitutions, important expressions are found in the following equations: m = b 1 × Δx + b2 ( 3) where Δx is the valley spacing (seen in Figure 2), and b 1 and b2 are different constants according to the actual measurement condition and are calibrated in advance during the measurement. This linear relationship is a result of the theoretical scatter plot of the valley spacing versus modulation depth in Figure 3. k 1(m) = c1 × m 3 + c 2 × m 2 + c 3 × m + c4 ( 4) where k 1(m) is the coefficient expression of the inversion model. A theoretical scatter plot of k 1(m) versus modulation depth can be seen in Figure 4. Here the coefficient is not taken as a constant, hence the 3rd degree polynomial expression with respect to the modulation depth. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |