Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC10 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LDTC10
Description  Improved Gas Concentration Model Accuracy in Wavelength Modulation Spectroscopy
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC10 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LDTC10 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Case Study CS-LDTC10 Rev. A
Page 5
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 9. Scatter plot of the absolute value of relative
error of inversed concentration C in experiments.1
new model compared to the traditional model. Relative error
is also improved (with the exception of one data point) to a
lower and more consistent value.
The experimental results are consistent with theoretical
predictions
and
simulation
results,
verifying
the
effectiveness of modulation depth calibration using the
valley spacing of the second harmonic signals. This
concentration inversion model improves the accuracy of gas
detection using WMS in TDLAS experiments. By including
the modulation depth as a parameter in the concentration
inversion model, this method is immune to variations in the
modulation depth and lowers error in the measurements.
Further experiments will provide more evidence of
verification in outside applications such as industrial and
environmental gas control on monitoring.1
WAVELENGTH'S ROLE
Finding gas concentrations in industrial and environmental
applications requires high precision, high accuracy, and
stable temperature control of the laser diode used for
the TDLAS. Wavelength Electronics' laser drivers and
temperature controllers enable the sensitive measurements
and experiments for concentration inversion models based
on second harmonic valley spacing, useful for gas detection
in the commercial world.
The stability of the laser diode in gas detection is critical,
both in current stability of the injection current and
the temperature control. Wavelength's low noise, high
stability laser diode driver and temperature controller, the
LDTC0520, can precisely deliver up to 500 mA to the laser.
Many laser safety features include current limit circuity,
slow start, and brownout protection. This module was sent
a modulation signal to modulate the output current to the
laser, simplifying steps for WMS. Scanning and modulating
the laser diode was achieved using the LDTC0520 laser
driver.
For stable output power and accurate wavelength
scanning with repeatable results, researchers used the
temperature controller in the LDTC0520. This controller is
able to maintain the laser temperature with stability better
than 0.005ºC for 1 hour on ambient temperature. It can
provide up to ±2.2 A of current to a thermoelectric with
both heating and cooling current limits. The PI control
loop offers maximum stability while maintaining efficiency.
The benefits of the temperature controller can also help
narrow linewidth and can ensure the wavelength does not
have any unwanted fluctuations. The laser diode's life and
performance are improved by tighter and more precise
control of the laser heatsink temperature.
With the combined temperature controller and laser diode
driver, the LDTC0520 module is compact and easy to use
with controls and indicators on-board for simple plug-and-
play operation. The LDTC0520 combines the proprietary
FL500 laser diode and ultra-stable WTC3243 into one
compact module for trouble-free operation. With dimensions
of 2.9 x 2.35 x 1.08 inches, the LDTC0520 can fit into most
portable or benchtop equipment for gas detection in the lab
or out in the field.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com