Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC10 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC10
Description  Improved Gas Concentration Model Accuracy in Wavelength Modulation Spectroscopy
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC10 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC10 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Case Study CS-LDTC10 Rev. A
Page 3
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 3. Theoretical scatter plot of valley spacing Δx
versus modulation depth m.1
Figure 4. Theoretical scatter plot of k
1(m)
versus
modulation depth m.1
With
Equation 4, the improved concentration inversion
model is as follows:
C = c
1 × m
3
+ c
2 × m
2
+ c
3 × m + c4
P
2f – 0
(
5)
where P
2f-0 is the maximum of the peak value of the second
harmonic signal seen in
Figure 2.
By calibrating and calculating the modulation depth, instead
of using a same constant value, error can be reduced while
improving gas concentration measurement accuracy.
Researchers used two methods to test and prove this
new concentration inversion model for WMS: a simulation
system in Matlab and an experimental setup with CO gas
measurements.
The simulation system used a sawtooth wave with
frequency of 5 Hz to scan the signal and a sine wave with
frequency of 2000 Hz to modulate the simulated laser
signal. Intensity modulation of the nonlinear laser and the
reference signal is 4000 Hz. The simulation start time was
0s, and the end time was 0.2s. The parameters in the setup
are as follows:
v
0 = 6383.09 cm
-1
Δv = ±0.45 cm-1
Ī
0 = 13.26 mW
L
= 100 cm
P
= 1 atm
T
= 296 K
S(T)
= 5.011 x 10-4 cm-2·atm-1
Δvc = 0.135 cm-1
where v
0 is the central frequency (cm
-1
), Δv is the scanning
range (cm-1), and Ī
0 is the average laser intensity driven by
the scanning signal.
In the simulation, the frequency modulation amplitude a and
concentration C can be varied to obtain the corresponding
second harmonic signal and calculate modulation depth,
P
2f-0, and valley spacing Δx.
To experimentally test this improved model, CO gas with a
fixed volume fraction of 2.5% was used to perform TDLAS.
A 10 mW Distributed Feedback laser diode was used with
center wavelength around 1566 nm. The laser was driven
and cooled by Wavelength Electronics' LDTC0520 laser
driver and temperature controller. The emitted laser light
passed through a stainless steel gas cell with calcium
fluoride windows. The transmitted light was detected by
a Ge photodetector that has a peak response of around
1550 nm. This is connected to the LIA which integrates the
functions of signal generation and lock-in amplification.1
The signal is then recorded, ensuring the second harmonic
signal result. This setup can be seen in
Figure 5.
Figure 5. Photo of the experimental setup.1
To scan and modulate the laser, a 5 Hz sawtooth wave
scans the laser wavelength near the absorption line of CO
gas at 1566.64 nm, and a 4000 Hz sinewave modulation
signal modulates the laser wavelength. The LIA has a
frequency of 8000 Hz to amplify the second harmonic
signals.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com