Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC10 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LDTC10
Description  Improved Gas Concentration Model Accuracy in Wavelength Modulation Spectroscopy
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC10 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LDTC10 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LDTC10 Rev. A
Improved Gas Concentration
Model Accuracy in Wavelength
Modulation Spectroscopy
January, 2022
Page 1
ABSTRACT
Researchers from China have developed a new concentration inversion model for wavelength modulation
spectroscopy (WMS) techniques in tunable diode laser absorption spectroscopy (TDLAS) applications.
Traditional models do not take into account variations of the modulation depth in the second harmonic
signal of the laser, thereby increasing the error of the measurement and decreasing the accuracy of the
system. Through simulations and controlled experiments measuring CO gas concentrations, researchers
achieve root-mean-square error (RMSE) of the gas concentration measurements of 5.468 × 10-5 with
relative error of < 0.37% using an improved model of concentration inversion with modulation depth as a
variable parameter. This model produces almost an order of magnitude better RMSE and almost five times
better relative error, making this applicable in fields such as industrial and environmental gas monitoring.
INTRODUCTION / TDLAS
With a wide variety of methods to measure gas
concentrations in many industrial and environmental
applications, Tunable Diode Laser Absorption Spectroscopy
(TDLAS) is a popular technique that not only achieves gas
concentration measurements with high accuracy but can
measure temperature, flow velocity, pressure, and other
parameters important to gas monitoring.1
Figure 1 shows
a thermal power plant which is suited to the energy and
power applications of TDLAS.2 As TDLAS is based on
absorption spectroscopy, it can benefit from the unique
characteristics and nature of molecular spectroscopy. This
gives this technique the ability to measure quantity and
quality parameters of a gas substance. By using low-power
semiconductor lasers that are tunable and narrow-linewidth,
the monitoring systems can be lower-cost, real-time, time-
resolved, and long-term in-situ systems.2
Figure 1. Thermal Power Plant - One of the many
applications of TDLAS
Laser absorption spectroscopy is built upon the properties
of the Beer-Lambert Law, in the most basic form, relating
the absorption of light and the concentration of a particular
gas. Other parameters are present in the Beer-Lambert
law as well: transmitted light intensity, total pressure,
spectral absorption coefficient, absorption path-length, and
absorption line-strength among others. The comparison
of the light intensities before and after propagation or
absorption through a medium is the basis of absorption
spectroscopy. The use of laser diodes provides possibilities
of fixed or scanned wavelengths. By scanning the laser
over a range of wavelengths, multiple absorption feature
profiles can be constructed with a single laser source.2
Scanning the laser diode is accomplished through injection
current or temperature. Careful changes to either of these
parameters can offer promising benefits to the experiment.
To detect the signal after transmission through the medium,
the absorption spectroscopy sensor can be used with two
different techniques: Direct Absorption Spectroscopy (DAS)
or Wavelength Modulation Spectroscopy (WMS).
DAS uses the remaining transmitted light to infer gas
properties from the Beer-Lambert Law. The issue with
this technique, however, is relating the transmitted light to
the initial light before the absorption. Added components
can help to determine the baseline of the laser, but these
can add cost, time, and even error from additional optical
systems. Scanning the laser can help, but noise from the
environment and laser baseline fluctuation can make this
technique difficult while uncertainties increase.2
WMS offers a solution to some of these problems by adding
frequency modulation to the laser diode injection current.


Similar Part No. - CS-LDTC10

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LDTC11 WAVELENGTH-CS-LDTC11 Datasheet
3Mb / 7P
Deployable Scintillometer for Ocean Turbulence Using Superluminescent LED
April, 2022
CS-LDTC12 WAVELENGTH-CS-LDTC12 Datasheet
1Mb / 5P
Mapping H2O Transport with Tomographic Absorption Spectroscopy
January, 2023
CS-LDTC13 WAVELENGTH-CS-LDTC13 Datasheet
1Mb / 5P
Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
November, 2023
CS-LDTC14 WAVELENGTH-CS-LDTC14 Datasheet
2Mb / 5P
Active Ring Resonators Using Mid-Infrared QCLs
March 2024
CS-LDTC15 WAVELENGTH-CS-LDTC15 Datasheet
2Mb / 5P
Laser Light Absorption by Atmospheric Oxygen for 3D Imaging
May, 2024
More results

Similar Description - CS-LDTC10

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012VT ROHM-SML-012VT Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
logo
Fuji Electric
EDS3-144 FUJI-EDS3-144 Datasheet
1Mb / 18P
INFRARED GAS ANALYZER(HIGH PERFORMANCE MODEL)
EDS3-145 FUJI-EDS3-145 Datasheet
1Mb / 12P
INFRARED GAS ANALYZER(LOW-CONCENTRATION MEASUREMENT TYPE)
logo
Texas Instruments
LM306 TI1-LM306_14 Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
logo
Amphenol Corporation
T8100 AMPHENOL-T8100 Datasheet
302Kb / 8P
Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
T5100 AMPHENOL-T5100 Datasheet
129Kb / 4P
Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package
logo
Texas Instruments
TPS92692 TI1-TPS92692 Datasheet
1Mb / 55P
High Accuracy LED Controller With Spread Spectrum Frequency Modulation
logo
Connor-Winfield Corpora...
TB512-052M CONNOR-WINFIELD-TB512-052M Datasheet
1Mb / 6P
Improved Performance 5x7mm TB / TVB Model Series
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
All products are specified in percent of Reading for best accuracy and improved process yield
AA02A MKS-AA02A Datasheet
270Kb / 4P
All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com