Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC10 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LDTC10
Description  Improved Gas Concentration Model Accuracy in Wavelength Modulation Spectroscopy
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC10 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LDTC10 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LDTC10 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Case Study CS-LDTC10 Rev. A
Page 4
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
RESULTS
Simulation ReSultS
The results of the simulation of the improved concentration
inversion model were compared to another simulation of
the traditional concentration inversion model. The scatter
plots of Δx versus m and k
1(m) versus m are consistent with
the theoretical plots shown in
Figure 3 and Figure 4. Using
Equation 3 and Equation 5, the parameters can be fitted
as seen below:
m = 0.605 × Δx – 0.558
(
6)
C = 9.783 × 10-3m3 – 0.1144m2 + 0.3665m + 0.06627
P
2f – 0
(
7)
The scatter plot of inversed values versus true values of the
modulation depth is shown in
Figure 6.
Figure 6. Scatter plot of inversed values versus true
values of modulation depth m in simulations.1
To compare these expressions and values to those of the
traditional concentration inversion model, the root-mean-
square error (RMSE) is used. For the improved model
the fitted RMSE of modulation depth is 5.563 × 10-3, and
R2 is 99.97%. The calculated RMSE of concentration C is
5.766 × 10-5, and R2 is 1.1
The calculated RMSE of the traditional model concentration
C is 3.179 × 10-4, and R2 is 99.96%. This shows that the
RMSE of the new improved model is almost an order
of magnitude lower than the traditional model, and the
absolute value of relative error of the improved model
(<0.35%) is almost five times lower than that of the
traditional model (<1.54%).1 The relative error can be seen
in Figure 7.
Figure 7. Scatter plot of the absolute value of relative
error of inversed concentration C in simulations.1
expeRiment ReSultS
The same methods were used, as in the simulations, to
obtain and calculate the parameter fitting dataset and
scatter plots. Expressions obtained are below.
m = 0.5991 × Δx – 0.5178
(
8)
C = –0.5884 × m3 + 2.261 × m2 – 1.375 × m + 18.53
P
2f – 0
(
9)
Scatter plots of both the inversed values compared to the
true values of m and the relative error of both models can
be seen in
Figure 8 and Figure 9, respectively.
Figure 8. Scatter plot of inversed values versus true
values of modulation depth m in experiments.1
The RMSE between the inversed values and the true
values of the CO concentration using the improved
model is 5.468 × 10-5 while the traditional model RMSE
is 2.178 × 10-4. Relative error for the improved model is
<0.37%, and the relative error for the traditional model is
<1.70%. Once again, the experimental data and results
show almost an order of magnitude improvement with the



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com