Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC13 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC13
Description  Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC13 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LDTC13 Rev. A
Page 2
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 1. Schematic of the experimental setup to determine H
2O2 densities in the effluent of the kINPen-sci plasma
jet. QCL, quantum cascade laser; TEC, temperature control unit; AOM, acousto-optic modulator; OAP, off-axis parabolic
mirror; m
j, gold coated mirrors; Mi, gold coated coupling mirrors to the cavity; Li, beam-shaping lens with focal length of
75 mm; CM
i, cavity mirrors with 99.98% reflectivity.
1
METHOD
Researchers from the Leibniz Institute for Plasma Science
and Technology (INP) in Greifswald, Germany, have
developed an efficient way to determine the localized
density of gas phase H
2O2 in the effluent of a cold
atmospheric pressure plasma jet by utilizing continuous-
wave cavity ring-down spectroscopy (cw-CRDS). The setup
in
Figure 1 shows the kINPen-sci plasma jet, quantum
cascade laser (QCL), current driver and temperature
controller, and the setup for cw-CRDS. The kINPen-sci jet
uses a needle-to-grounded-ring-electrode configuration in a
dielectric capillary with a diameter of 1.6 mm and operated
with 3 slm argon at a frequency of 860 kHz.
The cavity is comprised of two highly reflective mirrors
(99.98%) with a length of 54.5 cm. Two metallic tubes
are used to protect the cavity from dust particles and are
purged with N
2 to reduce dust and water in the beam path.
The laser used for the cw-CRDS is a QCL source with a
tuning range of 8.170 to 8.106 µm. The current for the QCL
was controlled by Wavelength Electronics' QCL1000 low
noise driver, and the QCL temperature was controlled with
Wavelength Electronics' PTC5K-CH controller. An acousto-
optic modulator (AOM) controlled the intensity of the QCL
beam while also providing the 0th diffraction order for
wavelength analysis. The 1st diffraction order from the AOM
was directed into the optical cavity for cw-CRDS.
Using a detector after the cavity, the ring-down event can
be observed and initiated by turning the AOM off. A total of
3,600 ring-down times were recorded to find the appropriate
number of averages. Using Allan-Werle deviation analysis,
the signal-to-noise ratio can be improved. Unfortunately,
as the measurements are recorded in open air, the noise
is almost a factor of 10 higher than when recorded in a
contained box. However, as the values for the Allan-Werle
deviations were the same for both tests, plasma on and
plasma off, the influence of the plasma on the cavity is
smaller than the fluctuations introduced by the gas flow.1
With an absorption coefficient of 2.3 ˣ 10-19 cm2 for H
2O2,
the detection limit due to cavity stability is determined to be
2.4 ˣ 1011 cm-3.
Although the most prominent absorption features for
H
2O2 can be measured around 1,250 cm
-1
, broadband
absorptions from other species such as nitric acid (HNO
3),
nitrous acid (HONO) and dinitrogen pentoxide (N
2O5)
molecules as well as absorptions lines from hydroperoxyl
radicals (HO
2), methane (CH4), and nitrous oxide (N2O)
also overlap with absorption features of H
2O2 in this
region. Because these species are either generated by
the kINPen-sci plasma jet or are present in the laboratory,
the range between 1,230.5 and 1,232.0 cm-1 was selected
instead. This range and the absorption features, with low
contributions from other species, can be seen in
Figure 2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com