Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC13 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LDTC13
Description  Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC13 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LDTC13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LDTC13 Rev. A
Determining Localized Density
of H
2O2 Using Absorption
Spectroscopy in Plasma Jets
November, 2023
Page 1
ABSTRACT
Researchers from Germany have developed and demonstrated a new diagnostic technique for obtaining
local distribution of gas phase hydrogen peroxide (H
2O2) in plasma jets. Continuous-wave cavity ring-
down spectroscopy, with a quantum cascade laser at a wavelength of 8.12 µm, is used to determine
the effective absorption length of a cold atmospheric pressure plasma jet and to determine the localized
density of H
2O2 in the effluent of the plasma jet. With axial and radial scans and radial distributions, the
effective absorption length was calculated to be 1.6 mm close to the nozzle and 5 mm at a distance of
10 mm from the nozzle. The maximum density of H
2O2 was 2 ˣ 10
14
cm-3 in the center of the effluent close
to the nozzle. This work shows the formation and consumption mechanisms of H
2O2 and enables other
biomedically relevant species in the plasma zone to be studied using this technique.
PLASMA JETS & H2O2
Plasma science has been studied and implemented for
many decades, and the number of applications have
been steadily rising.1 Cold atmospheric pressure plasma
jets (CAPJs) are relatively new in this field with benefits
for plasma medicine and industrial applications being
discovered in the last few years. CAPJs are used for therapy
for chronic wounds, anti-tumor effects, immunotherapy
in cancer patients, regenerative applications, dental
medicine, and oncology.2 Outside of the medical field,
CAPJs can benefit materials processing of heat sensitive
targets as well as plasma agriculture. It is expected for the
number of applications to rapidly grow and expand, thus
the importance of the adaptability of the reactive species
composition in CAPJs will also increase.1
CAPJs can generate high reactivity from different gases
at lower gas temperatures. Compared to high temperature
plasma jets and low pressure jets, CAPJs can be handheld
and are suitable for localized treatments with small size
(mm) distribution. The problem is that there are many
unanswered questions on how reactive species are
generated in CAPJs.1 If a better understanding of reactive
species generation is achieved, the composition of reactive
species can be customized to the appropriate application.
To accomplish this task, absolute and spatially resolved
distributions of the densities of reactive species in the
effluent of the jet are required. For this work, the local
distribution of a common reactive species is studied: gas
phase hydrogen peroxide.
Hydrogen peroxide (H
2O2) has been shown to be beneficial
for cell growth and death in biomedical applications. It
also is a suitable plasma source at room temperature,
operating at atmospheric pressure. No previous work has
been documented to detect H
2O2 in the effluent of a CAPJ
directly, and few have studied H
2O2 in the gas phase with
absorption spectroscopy methods. H
2O2 has two important
absorption features suitable for absorption spectroscopy:
the ν
6-band between 8.510 and 7.460 µm and the ν5-band
around 2.778 µm. Determining the localized density of
H
2O2 in the effluent of a CAPJ will help provide diagnostic
techniques and a better understanding of reactive species
generation in CAPJs.
PROBLEMS AND GOALS
While many standard diagnostic techniques have previously
been established for low pressure plasmas in large
chambers, these techniques have to be heavily modified for
CAPJs.1 Another issue with some of these techniques is the
high sensitivity required to detect trace levels of a reactive
species. Determining absolute densities of reactive species
also requires knowledge of the effective absorption length
when using absorption spectroscopy, although this is rarely
known.
The largest concern with H
2O2 as the detected reactive
species is the absorption features that overlap with water
(H
2O). When absorption is measured in open air, the
spectrum is a superposition of absorption features of H
2O2
and H
2O. It is critical that the spectral region to detect H2O2
is chosen carefully to account for the strength of the ν
6-
and ν
5-band of H2O2 while ignoring the absorption features
of H
2O. While some researchers have increased the
absorption length of the spectroscopy design and therefore
increased the detecting limits, measurements were
collected from a large container with the gas of the effluent
instead of measuring directly in the effluent of the plasma
jet. There is no previous absorption spectroscopy design
where H
2O2 is directly detected in the effluent of a CAPJ.
1


Similar Part No. - CS-LDTC13

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LDTC10 WAVELENGTH-CS-LDTC10 Datasheet
1Mb / 6P
Improved Gas Concentration Model Accuracy in Wavelength Modulation Spectroscopy
January, 2022
CS-LDTC11 WAVELENGTH-CS-LDTC11 Datasheet
3Mb / 7P
Deployable Scintillometer for Ocean Turbulence Using Superluminescent LED
April, 2022
CS-LDTC12 WAVELENGTH-CS-LDTC12 Datasheet
1Mb / 5P
Mapping H2O Transport with Tomographic Absorption Spectroscopy
January, 2023
CS-LDTC14 WAVELENGTH-CS-LDTC14 Datasheet
2Mb / 5P
Active Ring Resonators Using Mid-Infrared QCLs
March 2024
CS-LDTC15 WAVELENGTH-CS-LDTC15 Datasheet
2Mb / 5P
Laser Light Absorption by Atmospheric Oxygen for 3D Imaging
May, 2024
More results

Similar Description - CS-LDTC13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
1N5629 MICROSEMI-1N5629 Datasheet
115Kb / 2P
TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
STMicroelectronics
AN4635 STMICROELECTRONICS-AN4635 Datasheet
806Kb / 34P
Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
22-Apr-2015
logo
SparkFun Electronics
SEN-15050 SPARKFUN-SEN-15050 Datasheet
223Kb / 3P
SparkFun Triad Spectroscopy Sensor - AS7265x (Qwiic)
11??2??8
logo
Toshiba Semiconductor
42DPC85 TOSHIBA-42DPC85 Datasheet
3Mb / 28P
Plasma Monitor
2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com