Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC13 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LDTC13
Description  Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC13 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LDTC13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LDTC13 Rev. A
Page 5
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Cold atmospheric pressure plasma jet, spatial distribution,
cavity ring-down spectroscopy, hydrogen peroxide,
localized density, QCL driver, temperature controller,
QCL1000, PTC5K-CH
PRODUCTS USED
QCL1000 OEM, PTC5K-CH
REVISION HISTORY
Document Number: CS-LDTC13
REVISION
DATE
NOTES
A
November 2023
Initial Release
REFERENCES
1. Klose, S.-J., Krös, L., and van Helden, J., H., The
localised density of H
2O2 in the effluent of a cold
atmospheric pressure plasma jet determined by
continuous-wave cavity ring-down spectroscopy.
Frontiers in Physics. 2023,
11. https://doi.org/10.3389/
fphy.2023.1221181
2. Braný, D., Dvorská, D., HalaŠová, E., and Škovierová,
H., Cold Atmospheric Plasma: A Powerful Tool for
Modern Medicine. Int. J. Mol. Sci. 2020,
21, 2932.
https://doi.org/10.3390/ijms21082932
USEFUL LINKS
•
QCL1000 OEM Product Page
•
PTC5K-CH Product Page
PERMISSIONS
Figures 1 - 10 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
The captions for Figures 2, 3, & 4 were modified. No
changes were made to the figures and other captions. They
are presented in their original form.
WAVELENGTH'S ROLE
Measuring the localized density of H
2O2 with high-accuracy
requires high precision and stable control of the quantum
cascade laser when using continuous-wave cavity ring-
down spectroscopy (cw-CRDS). Wavelength Electronics'
QCL driver, QCL1000 OEM, enabled precise current
control with minimal electronic noise from the QCL. As laser
linewidth is a major concern for QCLs, the QCL1000 OEM
minimizes noise for open air measurements to as low as
0.7 μA up to 100kHz as well as keeping the average current
noise density to as low as 2 nA / √Hz.
The stability of the QCL temperature is also critical for
consistent wavelength output from the QCL. Wavelengths'
PTC5K-CH temperature controller, can precisely stabilize
temperature to as low as 0.0012ºC. The PTC utilizes a PI
controller to minimize overshoot and time to reach setpoint
temperature. The stability that the QCL driver and PTC
controller provided for the QCL made the 3,600 repeatable
measurements more reliable. Additional features from the
QCL1000 OEM, such as the brown-out, over- and reverse-
voltage, soft-clamping current limit, and over- temperature
circuits protect the user and the QCL from potential damage
and electrical faults.
The QCL1000 OEM QCL driver and PTC5K-CH
temperature controller enable localized density detection of
H
2O2 using cw-CRDS. This makes the developed diagnostic
method a useful tool for understanding formation and
consumption mechanisms of bio-medically relevant species
in the plasma zone and the effluent of a cold atmospheric
pressure plasma jet.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com