Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC13 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LDTC13
Description  Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC13 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LDTC13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LDTC13 Rev. A
Page 4
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 4. Density of H
2O2 as a function of x for y = 0 mm
at various z-positions, obtained by an Abel inversion of
the radial scans.1
To obtain a continuous density distribution, radial scans
can be interpolated using a polynomial approximation. The
resulting localized density distribution of H
2O2 is illustrated
in
Figure 5 as a contour plot. The illustrated plot is in a
plane cut along the symmetry axis through the center of the
nozzle. This shows the localized distribution of H
2O2 for the
first 10 mm from the nozzle. The densities are distributed
within a cone starting at 1.6 mm and ending at 5 mm,
the farthest point from the nozzle following the effective
absorption length.
The maximum density of H
2O2 was determined to be
2 ˣ 1014 cm-3 in the center of the effluent between z = 0 mm
and z = 4 mm. For greater distances from the nozzle,
the density decreased to approximately 1 ˣ 1014 cm-3 at
z = 6 mm and remained constant with larger z values.
These findings show that H
2O2
is significantly generated
within the plasma zone of the kINPen-sci plasma jet, and
the maximum density is closest to the nozzle. Surrounding
gas composition appears to have an impact on the density
of H
2O2 in the middle range of 4 to 6 mm and decreases the
distribution.
With these scans, it is clear that H
2O2 is mainly produced
withing the plasma zone of the jet and is partially consumed
by the impact of the gas curtain between 4 and 6 mm from
the nozzle.1 Using a cold atmospheric pressure plasma
jet, researchers demonstrated the ability and technique to
obtain the localized density of H
2O2 in the effluent of the
plasma jet. The absolute and spatially resolved distributions
of densities were found using the effective absorption
lengths calculated. This work provides better understanding
on how reactive species, specifically H
2O2, are generated
and consumed in cold atmospheric pressure plasma jets,
and it demonstrates how H
2O2 can be used for specific
purposes and applications.
Figure 5. Localized densities of H
2O2 illustrated as (A) a contour plot in a plane cut along the symmetry axis through the
center of the nozzle and as (B) lateral profiles at different z-positions. (A) Contour plot for H
2O2 (B) Lateral profiles of the
contour plot for H
2O2.
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com