Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC13 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC13
Description  Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC13 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LDTC13 Rev. A
Page 3
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 2. Absorption cross sections for H
2O2, H2O,
CH
4, N2O, and HNO3 at 1,013 hPa, calculated from line
positions, line strengths and pressure broadening
coefficients taken from the HITRAN database, and
absorption cross sections for HONO, and N
2O2.
1
From the absorption cross sections, the absorption
feature of H
2O2 between the spectral range of 1,230.8
and 1,231.3 cm-1 was selected to determine the localized
density. The absorption spectrum of H
2O2 was obtained
by measuring the ring-down times at different spectral
positions. Spectra were collected when the plasma jet
was switched on and off and are based on the absorption
coefficient, cavity length, and diameter of the volume which
corresponds to the effective absorption length.1
When recording the ring-down events, radial and axial
scans, based on an on/off-resonance method, were
performed at ν
ON = 1,231.07 cm
-1
for the on-resonance
position and ν
OFF = 1,230.82 cm
-1
for the off-resonance
position. Axial scans recorded several full spectra at various
distances from the nozzle to validate the on/off-resonance
method. Absorption spectra were recorded from 3 mm
to 10 mm from the nozzle of the plasma jet. Radial scans
allowed researchers to determine the effective absorption
length using the same on/off-resonance method. Density
distributions closer to the nozzle up to 0 mm can be
extrapolated from the recorded absorption length data.
RESULTS
With the on/off-resonance method confirmed with the axial
scans, the effective absorption length is determined with the
radial scans. With a Gaussian fit for each radial scan for
different distances from the nozzle, a slight asymmetry is
indicated in the H
2O2 distribution from the center position of
the Gaussian fits. This asymmetrical finding in the plasma
zone is a result of the inhomogeneities of the powered
needle electrode.1 The effective absorption length was
determined from the radial distributions as a function of the
distance from the nozzle. The effective absorption length
close to the nozzle at 0 mm was 1.6 mm and increased
to approximately 5 mm at a distance of 10 mm from the
nozzle.
Using the effective absorption length as a function of
distance from the nozzle, line-of-sight integrated densities
are determined as a function of distance from the nozzle
from full spectra and from an axial scan using the on/
off-resonance method.
Figure 3 shows the line-of-sight
integrated density using the effective absorption length
calculated as a function of distance from the nozzle.
Figure 3. Line-of-sight integrated density of H
2O2
at x = 0 mm as a function of distance from the nozzle,
obtained by the on/off-resonance method and from a fit
of full spectra considering an effective absorption length
as a function of distance from the nozzle.1
The line-of-sight integrated absorption is transformed into
a radial density distribution using an Abel inversion. The
Abel inversion approximates the kINPen-sci plasma jet by
a cylindrical symmetry.1
Figure 4 shows the radial density
distributions for H
2O2 for distances from the nozzle ranging
from 3 mm to 10 mm. The maximum intensities decrease
as the distance increases from the nozzle except for the
measurement at z = 4 mm, which is shifted and regarded
as an outlier.
Earlier investigations1 showed an approximately constant
distribution of reactive species within the first 3 mm, and the
approximation for H
2O2 follows this trend.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com