Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10367ASP Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R5F10367ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10367ASP Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F10367ASP Datasheet HTML 75Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 76Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 77Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 78Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 79Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 80Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 81Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 82Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
RL78/G12
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 79 of 109
(3) During communication at same potential (simplified SPI (CSI) mode) (slave mode, SCKp... external clock
input)
(TA = –40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
SCKp cycle time Note 5
tKCY2
4.0 V
≤ VDD ≤ 5.5 V
20 MHz < fMCK
16/fMCK
ns
fMCK
≤ 20 MHz
12/fMCK
ns
2.7 V
≤ VDD ≤ 5.5 V
16 MHz < fMCK
16/fMCK
ns
fMCK
≤ 16 MHz
12/fMCK
ns
2.4 V
≤ VDD ≤ 5.5 V
12/fMCK
and 1000
ns
SCKp high-/low-level width
tKH2,
tKL2
4.0 V
≤ VDD ≤ 5.5 V
tKCY2/2–14
ns
2.7 V
≤ VDD ≤ 5.5 V
tKCY2/2–16
ns
2.4 V
≤ VDD ≤ 5.5 V
tKCY2/2–36
ns
SIp setup time (to SCKp
↑)
Note 1
tSIK2
2.7 V
≤ VDD ≤ 5.5 V
1/fMCK + 40
ns
2.4 V
≤ VDD ≤ 5.5 V
1/fMCK + 60
ns
SIp hold time
(from SCKp
↑) Note 2
tKSI2
1/fMCK + 62
ns
Delay time from SCKp
↓ to
SOp output Note 3
tKSO2
C = 30 pF Note 4
2.7 V
≤ VDD ≤ 5.5 V
2/fMCK + 66
ns
2.4 V
≤ VDD ≤ 5.5 V
2/fMCK + 113
ns
Notes 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output
becomes “from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4.
C is the load capacitance of the SOp output lines.
5.
Transfer rate in the SNOOZE mode: MAX. 1 Mbps.
Caution Select the normal input buffer for the SIp and SCKp pins and the normal output mode for the SOp pin
by using port input mode register 1 (PIM1) and port output mode registers 0, 1, 4 (POM0, POM1,
POM4).
Simplified SPI (CSI) mode connection diagram (during communication at same potential)
RL78
microcontroller
SCKp
SOp
SCK
SI
User's device
SIp
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com