Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10367ASP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R5F10367ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10367ASP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R5F10367ASP Datasheet HTML 16Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 17Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 18Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 19Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 20Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 21Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 22Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 23Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 20 of 109
(TA = –40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(2/4)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current, lowNote 1
IOL1
20-, 24-pin products:
Per pin for P00 to P03Note 4,
P10 to P14, P40 to P42
30-pin products:
Per pin for P00, P01, P10 to P17, P30,
P31, P40, P50, P51, P120, P147
20.0
Note 2
mA
Per pin for P60, P61
15.0
Note 2
mA
20-, 24-pin products:
Total of P40 to P42
30-pin products:
Total of P00, P01, P40, P120
(When duty
≤ 70% Note 3)
4.0 V
≤ VDD ≤ 5.5 V
60.0
mA
2.7 V
≤ VDD < 4.0 V
9.0
mA
1.8 V
≤ VDD < 2.7 V
1.8
mA
20-, 24-pin products:
Total of P00 to P03Note 4,
P10 to P14, P60, P61
30-pin products:
Total of P10 to P17, P30, P31, P50,
P51, P60, P61, P147
(When duty
≤ 70% Note 3)
4.0 V
≤ VDD ≤ 5.5 V
80.0
mA
2.7 V
≤ VDD < 4.0 V
27.0
mA
1.8 V
≤ VDD < 2.7 V
5.4
mA
Total of all pins (When duty
≤ 70%Note 3)
140
mA
IOL2
Per pin for P20 to P23
0.4
mA
Total of all pins
1.6
mA
Notes 1.
Value of current at which the device operation is guaranteed even if the current flows from an output pin to
the VSS pin.
2.
However, do not exceed the total current value.
3.
The output current value under conditions where the duty factor
≤ 70%.
If duty factor > 70%: The output current value can be calculated with the following expression (where n
represents the duty factor as a percentage).
● Total output current of pins = (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 10.0 mA
Total output current of pins = (10.0 × 0.7)/(80 × 0.01)
 8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
4.
24-pin products only.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com