Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10367ASP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F10367ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10367ASP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F10367ASP Datasheet HTML 18Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 19Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 20Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 21Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 22Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 23Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 24Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 25Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 22 of 109
(TA = –40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(4/4)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage, low
VOL1
20-, 24-pin products:
P00 to P03Note, P10 to P14,
P40 to P42
30-pin products: P00, P01,
P10 to P17, P30, P31, P40,
P50, P51, P120, P147
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 20.0 mA
1.3
V
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 8.5 mA
0.7
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 3.0 mA
0.6
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 1.5 mA
0.4
V
1.8 V
≤ VDD ≤ 5.5 V,
IOL1 = 0.6 mA
0.4
V
VOL2
P20 to P23
IOL2 = 400 µA
0.4
V
VOL3
P60, P61
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 15.0 mA
2.0
V
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 5.0 mA
0.4
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 3.0 mA
0.4
V
1.8 V
≤ VDD ≤ 5.5 V,
IOL1 = 2.0 mA
0.4
V
Input leakage current,
high
ILIH1
Other than P121,
P122
VI = VDD
1
µA
ILIH2
P121, P122
(X1, X2/EXCLK)
VI = VDD Input port or external
clock input
1
µA
When resonator
connected
10
µA
Input leakage current,
low
ILIL1
Other than P121,
P122
VI = VSS
–1
µA
ILIL2
P121, P122
(X1, X2/EXCLK)
VI = VSS Input port or external
clock input
–1
µA
When resonator
connected
–10
µA
On-chip pull-up
resistance
RU
20-, 24-pin products:
P00 to P03Note, P10 to P14,
P40 to P42, P125, RESET
30-pin products: P00, P01,
P10 to P17, P30, P31, P40,
P50, P51, P120, P147
VI = VSS, input port
10
20
100
k
Ω
Note 24-pin products only.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com