Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10367ASP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F10367ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10367ASP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F10367ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 9Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 10Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 11Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 12Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 13Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 14Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 15Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 12 of 109
1.6.2 24-pin products
4
2
5
9
10
4
4
3
3
Code flash: 16 KB
Data flash: 2 KB
Note
TAU0 (4ch)
ch01
ch00
Interrupt control
RL78
CPU
core
Low Speed
On-chip
oscillator
15 KHz
DMA
Note
2ch
RAM
1.5 KB
Poer-on
reset/voltage
detector
High-Speed
On-chip
oscillator
1 to 24 MHz
Clock Generator
+
Reset Generator
ch02
ch03
UART0
SAU0 (2ch)
CSI00
IICA0
On-chip debug
Multiplier &
divider/
multiply-
accumulator
BCD adjustment
CSI01
Note
IIC00
Note
IIC01
Note
TI00/TO00
TI01/TO01
TI02/TO02
TI03/TO03
RxD0
TxD0
SCK00
SI00
SO00
SCK01
SI01
SO01
SCL00
SDA00
SCL01
SDA01
SCLA0
SDAA0
TOOL0
VDD
VSS
Port 0
P00 to P03
P10 to P14
P20 to P23
P40 to P42
P60, P61
P137
PCLBUZ0
KR0 to KR9
INTP0 to INTP3
ANI2, ANI3, ANI16 to ANI22
10-bit
A/D converter
11ch
12-bit Interval timer
Window watchdog
timer
CRC
Note
ANI0/AVREFP
ANI1/AVREFM
P121, P122, 125
Port 1
Port 2
Port 4
Port 6
Port 12
Key return
10ch
Interrupt control
4ch
Buzzer/clock
output control
Port 13
RESET
Main OSC
1to 20 MHz
X1 X2/EXCLK
TOOL
TxD
TOOL
RxD
IICA0
Note Provided only in the R5F102 products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com