Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10367ASP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F10367ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10367ASP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F10367ASP Datasheet HTML 13Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 14Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 15Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 16Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 17Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 18Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 19Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 20Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 17 of 109
2.1 Absolute Maximum Ratings
Absolute Maximum Ratings (TA = 25°C)
Parameter
Symbols
Conditions
Ratings
Unit
Supply Voltage
VDD
–0.5 to + 6.5
V
REGC terminal input
voltageNote1
VIREGC
REGC
–0.3 to +2
and –0.3 to VDD + 0.3
Note 2
V
Input Voltage
VI1
Other than P60, P61
–0.3 to VDD + 0.3Note 3
V
VI2
P60, P61 (N-ch open drain)
–0.3 to 6.5
V
Output Voltage
VO
–0.3 to VDD + 0.3Note 3
V
Analog input voltage
VAI
20-, 24-pin products: ANI0 to ANI3, ANI16 to ANI22
30-pin products: ANI0 to ANI3, ANI16 to ANI19
–0.3 to VDD + 0.3
and –0.3 to
AVREF(+)+0.3 Notes 3, 4
V
Output current, high
IOH1
Per pin
Other than P20 to P23
–40
mA
Total of all pins
All the terminals other than P20 to P23
–170
mA
20-, 24-pin products: P40 to P42
30-pin products: P00, P01, P40, P120
–70
mA
20-, 24-pin products: P00 to P03Note 5,
P10 to P14
30-pin products: P10 to P17, P30, P31,
P50, P51, P147
–100
mA
IOH2
Per pin
P20 to P23
–0.5
mA
Total of all pins
–2
mA
Output current, low
IOL1
Per pin
Other than P20 to P23
40
mA
Total of all pins
All the terminals other than P20 to P23
170
mA
20-, 24-pin products: P40 to P42
30-pin products: P00, P01, P40, P120
70
mA
20-, 24-pin products: P00 to P03Note 5,
P10 to P14, P60, P61
30-pin products: P10 to P17, P30, P31,
P50, P51, P60, P61, P147
100
mA
IOL2
Per pin
P20 to P23
1
mA
Total of all pins
5
mA
Operating ambient
temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Notes 1.
30-pin product only.
2.
Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF). This value determines the absolute maximum
rating of the REGC pin. Do not use it with voltage applied.
3.
Must be 6.5 V or lower.
4.
Do not exceed AVREF(+) + 0.3 V in case of A/D conversion target pin.
5.
24-pin products only.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
Remarks 1. Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.
2. AVREF(+) : + side reference voltage of the A/D converter.
3. VSS : Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com