Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651EDDFM Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # R5F5651EDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651EDDFM Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button R5F5651EDDFM Datasheet HTML 160Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 161Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 162Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 163Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 164Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 165Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 166Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 167Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 164 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
Note:
The above specification values apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the above ranges.
Note 1. The conversion time includes the sampling time and the comparison time. As the test conditions, the number of sampling states
is indicated.
Note 2. The value in parentheses indicates the sampling time.
Table 2.50
12-Bit A/D (Unit 1) Conversion Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKB = PCLKD = 1 MHz to 60 MHz, Ta = Topr,
Source impedance = 1.0 kΩ
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
—
12
Bit
Conversion time*1
(Operation at PCLKD = 60 MHz)
0.88
(0.633)*2
—
—
µs
Sampling in 38 states
(ADSAM.SAM = 1)
Conversion time*1
(Operation at PCLKD = 30 MHz)
1
(0.500)*2
—
—
µs
Sampling in 15 states
(ADSAM.SAM = 1)
Analog input capacitance
—
—
30
pF
Offset error
—
±2.0
±3.5
LSB
Full-scale error
—
±2.0
±3.5
LSB
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±4.0
±6.0
LSB
DNL differential nonlinearity error
(Operation at PCLKD = 60 MHz)
—
±1.5
±4.0
LSB
DNL differential nonlinearity error
(Operation at PCLKD = 30 MHz)
—
±1.5
±2.5
LSB
INL integral nonlinearity error
(Operation at PCLKD = 60 MHz)
—
±2.0
±4.0
LSB
INL integral nonlinearity error
(Operation at PCLKD = 30 MHz)
—
±2.0
±3.5
LSB
Table 2.51
A/D Internal Reference Voltage Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKB = PCLKD = 60 MHz, Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test
Conditions
A/D internal reference voltage
1.13
1.18
1.23
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com