Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651EDDFM Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R5F5651EDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651EDDFM Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R5F5651EDDFM Datasheet HTML 161Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 162Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 163Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 164Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 165Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 166Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 167Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 168Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 165 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.7
D/A Conversion Characteristics
2.8
Temperature Sensor Characteristics
Note 1. Set the S12AD1.ADSSTRT register such that the sampling time of the 12-bit A/D converter satisfies this specification.
Table 2.52
D/A Conversion Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
—
12
12
12
Bit
Unbuffered output Absolute accuracy
—
—
—
±6.0
LSB
2-MΩ resistive load
10-bit conversion
Differential nonlinearity error
DNL
—
±1.0
±2.0
LSB
2-MΩ resistive load
Output resistance
RO
—8.6
—
kΩ
Setting time
tS
—
—
3
µs
20-pF capacitive load
Buffered output
Load resistance
RL
5—
—
kΩ
Load capacitance
CL
—
—
50
pF
Output voltage
VO
0.2
—
AVCC1 –
0.2
V
Differential nonlinearity error
DNL
—
±1.0
±2.0
LSB
Integral nonlinearity error
INL
—
±2.0
±4.0
LSB
Setting time
tS
——
4
µs
Table 2.53
Temperature Sensor Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
—
±1
—
°C
Temperature slope
—
4
—
mV/°C
Output voltage
—
1.21
—
V
Ta = 25°C
Temperature sensor start time
—
—
30
µs
Sampling time*1
4.15
—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com