Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/A1M Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button RZ/A1M Datasheet HTML 98Page - Renesas Technology Corp RZ/A1M Datasheet HTML 99Page - Renesas Technology Corp RZ/A1M Datasheet HTML 100Page - Renesas Technology Corp RZ/A1M Datasheet HTML 101Page - Renesas Technology Corp RZ/A1M Datasheet HTML 102Page - Renesas Technology Corp RZ/A1M Datasheet HTML 103Page - Renesas Technology Corp RZ/A1M Datasheet HTML 104Page - Renesas Technology Corp RZ/A1M Datasheet HTML 105Page - Renesas Technology Corp RZ/A1M Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 102 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
3. Electrical Characteristics
3.4.11
I2C Bus Interface Timing
In the above table and subsequently, SCL and SDA refer to the RIICnSCL and RIICnSDA signals, respectively.
Note 1. The first clock pulse is generated on the SCL line after the start condition has been issued and the hold time has elapsed.
Note 2. This module requires a minimum of 300 ns hold time internally for the SDA signal to handle the period over which the falling
edge of SCL has not reached a defined level (time until the CnSCL signal reaches VIL (max.) from VIH (min.) ).
Note 3. The fast-mode I2C bus device can be used in the standard mode I2C bus system. In this case, the minimum value of the data
setup time (tSU: DAT (min.) 250 [ns]) must be satisfied.
If the system does not extend the low period of SCL clock (tLOW), this condition is automatically satisfied. If the system extends
the low period of SCL clock (tLOW), transmit the subsequent data bit to the SDA line before the SCL line is released (tR (max.) + tSU:
DAT (min.)
= 1000 + 250 = 1250 [ns]: (standard mode I2C bus specification)).
Note 4. Total capacitance of one bus line. The allowable maximum bus capacitance may differ from this specification, depending on the
actual operating voltage and frequency of an application. For techniques to cope with a large bus capacitance, see the I2C bus
specification provided by NXP Semiconductors.
Note 5. Noise is removed by the analog and digital input filters. The level of noise reduction of the digital input filter is determined by the
period of internal reference clock (IICφ) and the NF[1:0] bits in RIICnMR3. For details, refer to section 18, I2C Bus Interface, in
the RZ/A1H Group, RZ/A1M Group User’s Manual.
Table 3.15
I2C Bus Interface Timing
Item
Symbol
I/O
Standard mode (Sm)
Fast mode (Fm)
Unit
Min.
Max.
Min.
Max.
SCL clock frequency
fCLK
I/O
0
100
0
400
kHz
Bus free time (between stop and
start condition)
tBUF
I/O
4.7
-
1.3
-
μs
Hold time*1
tHD:STA
I/O
4.0
-
0.6
-
μs
Low period of SCL clock
tLOW
I/O
4.7
-
1.3
-
μs
High period of SCL clock
tHIGH
I/O
4.0
-
0.6
-
μs
Setup time for start/restart condition tSU:STA
I/O
4.7
-
0.6
-
μs
Data hold time (I2C bus device)
tHD:DAT
I/O
0*2
-0*2
-μs
Data setup time
tSU:DAT
I/O
250
-
100*3
-ns
SDA and SCL signal rise time
tR
Input
-
1000
20
300
ns
SDA and SCL signal fall time*3
tF
Input
-
300
20 × (PVCC/5.5 V)
300
ns
Output
-
250
20 × (PVCC/5.5 V)
250
ns
Setup time for STOP condition
tSU:STO
I/O
4.0
-
0.6
-
μs
Capacitive load for each bus line
Cb
--
400*4
-
400*4
pF
Pulse width of spikes that must be
suppressed by the input filter
tSP
Input
-
-
0
50*5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com