Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/A1M Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RZ/A1M Datasheet HTML 16Page - Renesas Technology Corp RZ/A1M Datasheet HTML 17Page - Renesas Technology Corp RZ/A1M Datasheet HTML 18Page - Renesas Technology Corp RZ/A1M Datasheet HTML 19Page - Renesas Technology Corp RZ/A1M Datasheet HTML 20Page - Renesas Technology Corp RZ/A1M Datasheet HTML 21Page - Renesas Technology Corp RZ/A1M Datasheet HTML 22Page - Renesas Technology Corp RZ/A1M Datasheet HTML 23Page - Renesas Technology Corp RZ/A1M Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 20 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
2. Pin
Digital video decoder VIN1A, VIN2A
I
Composite video
signal (CVBS) input
Composite video signal (CVBS) channel
0 input pins.
VIN1B, VIN2B
I
Composite video
signal (CVBS) input
Composite video signal (CVBS) channel
1 input pins.
VIDEO_X1
I
Crystal resonator/
external clock for
digital video decoder
Connected to a crystal resonator for
digital video decoder. An external clock
signal may also be input to the
VIDEO_X1 pin.
VIDEO_X2
O
VRP
O
TOP reference voltage TOP reference voltage pin for the A/D
converter to input video signals.
Connected to VDAVss via 0.1-
F
capacitor.
VRM
O
BOTTOM reference
voltage
BOTTOM reference voltage pin for the A/
D converter to input video signals.
Connected to VDAVss via 0.1-
F
capacitor.
REXT
I
Reference voltage
Reference voltage pin for the A/D
converter to input video signals.
Connected to VDAVss via
22-k
  1% resistance.
VDAVcc
I
Analog power supply
Power supply pin for the A/D converter to
input video signals.
VDAVss
I
Analog ground
Ground pin for the A/D converter to input
video signals.
Video display
controller 5
LCD1_DATA23 to LCD1_DATA0,
LCD0_DATA23 to LCD0_DATA0
O
Output data
Data output pins for panel.
LCD1_TCON6 to LCD1_TCON0,
LCD0_TCON6 to LCD0_TCON0
O
Panel timing
adjustment output
Output pins for panel timing adjustment
LCD1_CLK, LCD0_CLK
O
Panel clock
Panel clock output pins.
LCD1_EXTCLK, LCD0_EXTCLK
I
Panel clock source
Panel clock source input pins.
DV0_DATA23 to DV0_DATA0,
DV1_DATA7 to DV1_DATA0
I
Input data
Data input pins for graphics data.
DV1_VSYNC, DV0_VSYNC
I
VSYNC input
VSYNC input pins.
DV1_HSYNC, DV0_HSYNC
I
HSYNC input
HSYNC input pins.
DV1_CLK, DV0_CLK
I
Input clock
Clock input signal pins for graphics data.
LVDS output
interface
TXCLKOUTP, TXCLKOUTM
O
Output clock
LVDS differential clock output pins.
TXOUT2P to TXOUT0P,
TXOUT2M to TXOUT0M
O
Output data
LVDS differential data output pins.
LVDSREFRIN
I
Reference input
Connected to LVDSAPVss via
5.6-k
  1% resistance.(QFP package)
Connected to Vss via 5.6-k
  1%
resistance. (BGA package)
LVDSAPVcc
I
LVDS analog power
supply
Power supply for LVDS output.
LVDSAPVss
Note: This pin is not present on
products in the BGA
package.
I
LVDS analog ground
Ground for LVDS output.
LVDSPLLVcc
I
LVDS PLL power
supply
Power supply for LVDS PLL.
Capture engine unit
VIO_D15 to VIO_D0
I
Input data
Graphics data input pins.
VIO_CLK
I
Input clock
Graphics data clock input pin.
VIO_VD
I
VSYNC input
VSYNC input pin.
VIO_HD
I
HSYNC input
HSYNC input pin.
VIO_FLD
I
FIELD input
Input pin for field information
Classification
Symbol
I/O
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com