Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/A1M Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button RZ/A1M Datasheet HTML 95Page - Renesas Technology Corp RZ/A1M Datasheet HTML 96Page - Renesas Technology Corp RZ/A1M Datasheet HTML 97Page - Renesas Technology Corp RZ/A1M Datasheet HTML 98Page - Renesas Technology Corp RZ/A1M Datasheet HTML 99Page - Renesas Technology Corp RZ/A1M Datasheet HTML 100Page - Renesas Technology Corp RZ/A1M Datasheet HTML 101Page - Renesas Technology Corp RZ/A1M Datasheet HTML 102Page - Renesas Technology Corp RZ/A1M Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 99 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
3. Electrical Characteristics
3.4.10
SPI Multi I/O Bus Controller Timing
Note:
tbcyc indicates the bus clock (B
) cycle.
Figure 3.47
Clock Timing
Table 3.14
SPI Multi I/O Bus Controller Timing
Item
Symbol
Min.
Max.
Unit
Figure
SPBCLK clock cycle
tSPBcyc
2
4080
tbcyc
Figure 3.47
SPBCLK high pulse width
tSPBWH
0.475
0.525
tSPBcyc
SPBCLK low pulse width
tSPBWL
0.475
0.525
tSPBcyc
SPBCLK rise time
tSPBR
―3
ns
SPBCLK fall time
tSPBF
―3
ns
Data input setup time
CKDLY = B’0100
(initial value)
tSU
10.0
―
ns
Figure 3.48,
Figure 3.49,
Figure 3.50, and
Figure 3.51
CKDLY = B’1000
4.2
―
Data input hold time
Common to CKDLY
= B’0100 and
B’1000
tH
0.0
―
ns
SSL setup time
tLEAD
1
 tSPBcyc – 3
8
 tSPBcyc + 3
ns
SSL hold time
tLAG
1.5
 tSPBcyc – 3 8.5  tSPBcyc + 3 ns
Continuous transfer delay time
tTD
18
tSPBcyc
Data output delay time
SPODLY = H’0000
(initial value)
tOD
―3.6
ns
SPODLY = H’6363
―
7.0
Data output hold time
SPODLY = H’0000
(initial value)
tOH
–1.6
―
ns
SPODLY= H’6363
1.0
―
Data output buffer on time
SPODLY = H’0000
(initial value)
tBON
―
3.6
ns
Figure 3.48,
Figure 3.49,
Figure 3.50,
Figure 3.51,
Figure 3.52, and
Figure 3.53
SPODLY = H’6363
―
7.0
Data output buffer off time
SPODLY = H’0000
(initial value)
tBOFF
–7.0
0
ns
SPODLY = H’6363
1.0
7.0
t
SPBcyc
t
SPBWL
t
SPBF
t
SPBWH
SPBCLK
Output
t
SPBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com