Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/A1M Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RZ/A1M Datasheet HTML 14Page - Renesas Technology Corp RZ/A1M Datasheet HTML 15Page - Renesas Technology Corp RZ/A1M Datasheet HTML 16Page - Renesas Technology Corp RZ/A1M Datasheet HTML 17Page - Renesas Technology Corp RZ/A1M Datasheet HTML 18Page - Renesas Technology Corp RZ/A1M Datasheet HTML 19Page - Renesas Technology Corp RZ/A1M Datasheet HTML 20Page - Renesas Technology Corp RZ/A1M Datasheet HTML 21Page - Renesas Technology Corp RZ/A1M Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 18 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
2. Pin
Ethernet controller,
EthernetAVB
Note: Regarding the
switching of pin
functions between
Ethernet controller
and EthernetAVB,
refer to section 54,
Ports, in the RZ/A1H
Group, RZ/A1M
Group User’s
Manual.
ET_TXCLK
I
Transmit clock
Clock pin for transmission.
ET_TXEN
O
Transmit enable
Transmit data enable pin
ET_TXD3 to ET_TXD0
O
Transmit data
MII transmit data pins.
ET_COL
I
Collision detection
Collision detection pin.
ET_TXER
O
Transmit error
Transmit error output pin.
ET_RXCLK
I
Receive clock
Receive clock pin
ET_RXDV
I
Receive enable
Receive data enable pin
ET_RXD3 to ET_RXD0
I
Receive data
MII receive data pins.
ET_RXER
I
Receive error
Receive error input pin.
ET_CRS
I
Carrier detection
Carrier detection pin.
ET_MDC
O
Management data
clock
Clock pin for information transfer via
MDIO.
ET_MDIO
I/O
Management data I/O
Bidirectional pin for exchange of
management data
EthernetAVB
AVB_CAPTURE
I
Timer capture
Capturing input pin for AVTP presentation
timer
AVB_GPTP_EXTERN
I
gPTP timer external
clock
External clock pin for gPTP timer
NAND flash memory
controller
FALE
O
Flash memory
address latch enable
Asserted for address output and negated
for data I/O.
FRE
O
Flash memory read
enable
Reads data at falling edge.
FCE
O
Flash memory chip
enable
Enables the flash memory connected to
this LSI.
FCLE
O
Flash memory
command latch
enable
Asserted at command output.
FRB
I
Flash memory ready/
busy
High level indicates ready state and low
level indicates busy state.
FWE
O
Flash memory write
enable
Flash memory latches commands,
addresses, and data at falling edge.
NAF7 to NAF0
I/O
Flash memory data
Data I/O pins.
USB 2.0 host/
function module
DP1, DP0
I/O
USB 2.0 host/function
module D+ data
D+ data pins for USB 2.0 host/function
module bus.
DM1, DM0
I/O
USB 2.0 host/function
module D– data
D– data pins for USB 2.0 host/function
module bus.
VBUS1, VBUS0
I
VBUS input
Connected to Vbus on USB 2.0 host/
function module bus.
REFRIN
I
Reference input
Connected to USBAPVss via
5.6-k
  1% resistance. (QFP package)
Connected to Vss via 5.6-kΩ ± 1%
resistance. (BGA package)
Classification
Symbol
I/O
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com