Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

18631237 Datasheet(PDF) 10 Page - CML Innovative Technologies Ltd

Part # 18631237
Description  Mega StarLEDs, StarLEDs,MultiLEDs, LED Indicators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLINNOVATIVETECHNOLOGIES [CML Innovative Technologies Ltd]
Direct Link  www.cml-it.com
Logo CMLINNOVATIVETECHNOLOGIES - CML Innovative Technologies Ltd

18631237 Datasheet(HTML) 10 Page - CML Innovative Technologies Ltd

Back Button 18631237 Datasheet HTML 6Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 7Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 8Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 9Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 10Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 11Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 12Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 13Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 14Page - CML Innovative Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
18
19
T31/4 (10mm) WB (W2,1x9,5d) LED AC/DC mit Einweggleichrichter / with half-wave rectifier
Part N°
Colour
Voltage
Current
**Lumi. intensity
[V] AC/DC
[mA] AC/DC
[mcd]
1511B35UR3
red
24
7/14
330
1511B35UG3
green
24
7/14
2100
1511B35UY3
yellow
24
7/14
280
1511B35B3
blue
24
7/14
650
1511B35W3
white clear
24
7/14
1400
1511B35W3D
white diffused
24
7/14
700
1511B45UR3
red
28
7/14
330
1511B45UG3
green
28
7/14
2100
1511B45UY3
yellow
28
7/14
280
1511B45B3
blue
28
7/14
650
1511B45W3
white clear
28
7/14
1400
1511B45W3D
white diffused
28
7/14
700
** Lichtstärkedaten der verwendeten Leuchtdioden bei DC-Betrieb/Luminous intensity data of the LEDs on direct voltage
Passender Lampenzieher · Bestell-Nr.55001250/A suitable lamp remover · Part No.55001250
T11/2 (5mm) WB (W2x4,6d) LED AC/DC mit Einweggleichrichter / with half-wave rectifier
Part N°
Colour
Voltage
Current
** Lumi. intensity
[V] AC/DC
[mA] AC/DC
[mcd]
1511A35UR3
red
24
5/10
230
1511A35UG3
green
24
5/10
1500
1511A35UY3
yellow
24
5/10
200
1511A35B3
blue
24
5/10
480
1511A35W3
white clear
24
5/10
1000
1511A35W3D
white diffused
24
5/10
500
1511A45UR3
red
28
5/10
230
1511A45UG3
green
28
5/10
1500
1511A45UY3
yellow
28
5/10
200
1511A45B3
blue
28
5/10
480
1511A45W3
white clear
28
5/10
1000
1511A45W3D
white diffused
28
5/10
500
** Lichtstärkedaten der verwendeten Leuchtdioden bei DC-Betrieb/Luminous intensity data of the LEDs on direct voltage
Passender Lampenzieher · Bestell-Nr.55000112/A suitable lamp remover · Part No.55000112
StarLEDs
18,5 max.
14,5 max.
Polycarbonat
farbig /
Polycarbonat
weiß
20,7 max.
Polycarbonat
farbig /
Polycarbonat
weiß
T13/4 (6mm) MF LED DC ohne Verpolungsschutz / without protection diode
Passender Lampenzieher · Bestell-Nr.55000112/A suitable lamp remover · Part No.55000112
Part N°
Colour
Voltage
Current
**Lumi. intensity
[V] DC
[mA] DC
[mcd]
1510135UR3
red
24
14
330
1510135UG3
green
24
14
2100
1510135UY3
yellow
24
14
280
1510135B3
blue
24
14
650
1510135W3
white clear
24
14
1400
1510135W3D
white diffused
24
14
700
1510145UR3
red
28
14
330
1510145UG3
green
28
14
2100
1510145UY3
yellow
28
14
280
1510145B3
blue
28
14
650
1510145W3
white clear
28
14
1400
1510145W3D
white diffused
28
14
700
Diese StarLED hat keine Schutzdiode, deshalb ist unbedingt darauf zu achten, dass die Polarität korrekt ist!
This StarLED can only be manufactured without a protection diode.Only for use on direct voltage.Please be aware of the polarity!
15,9 max.
13,3 max.
T2 (7x20mm) BA7s LED AC/DC mit Einweggleichrichter / with half-wave rectifier
Part N°
Colour
Voltage
Current
** Lumi. intensity
[V] AC/DC
[mA] AC/DC
[mcd]
1516135UR3
red
24
7/14
330
1516135UG3
green
24
7/14
2100
1516135UY3
yellow
24
7/14
280
1516135B3
blue
24
7/14
650
1516135W3
white clear
24
7/14
1400
1516135W3D
white diffused
24
7/14
700
1516145UR3
red
28
7/14
330
1516145UG3
green
28
7/14
2100
1516145UY3
yellow
28
7/14
280
1516145B3
blue
28
7/14
650
1516145W3
white clear
28
7/14
1400
1516145W3D
white diffused
28
7/14
700
** Lichtstärkedaten der verwendeten Leuchtdioden bei DC-Betrieb/Luminous intensity data of the LEDs on direct voltage
Passender Lampenzieher · Bestell-Nr.55000112/A suitable lamp remover · Part No.55000112
StarLEDs
21 max.
T13/4 (6mm) MG LED AC/DC mit Einweggleichrichter / with half-wave rectifier
** Lichtstärkedaten der verwendeten Leuchtdioden bei DC-Betrieb/Luminous intensity data of the LEDs on direct voltage
Passender Lampenzieher · Bestell-Nr.55001250/A suitable lamp remover · Part No.55001250
Part N°
Colour
Voltage
Current
**Lumi. intensity
[V] AC/DC
[mA] AC/DC
[mcd]
1512135UR3
red
24
7/14
330
1512135UG3
green
24
7/14
2100
1512135UY3
yellow
24
7/14
280
1512135B3
blue
24
7/14
650
1512135W3
white clear
24
7/14
1400
1512135W3D
white diffused
24
7/14
700
1512145UR3
red
28
7/14
330
1512145UG3
green
28
7/14
2100
1512145UY3
yellow
28
7/14
280
1512145B3
blue
28
7/14
650
1512145W3
white clear
28
7/14
1400
1512145W3D
white diffused
28
7/14
700
Polycarbonat
farbig
16 max.
T13/4 (6mm) MG LED AC/DC (ohne Reflektor) mit Einweggleichrichter / (without reflector) with half-wave rectifier
** Lichtstärkedaten der verwendeten Leuchtdioden bei DC-Betrieb/Luminous intensity data of the LEDs on direct voltage
Passender Lampenzieher · Bestell-Nr.55000112 / A suitable lamp remover · Part No.55000112
Part N°
Colour
Voltage
Current
**Lumi. intensity
[V] AC/DC
[mA] AC/DC
[mcd]
1512535UR3
red
24
7/14
330
1512535UG3
green
24
7/14
2100
1512535UY3
yellow
24
7/14
280
1512535B3
blue
24
7/14
650
1512535W3
white clear
24
7/14
1400
1512535W3D
white diffused
24
7/14
700
1512545UR3
red
28
7/14
330
1512545UG3
green
28
7/14
2100
1512545UY3
yellow
28
7/14
280
1512545B3
blue
28
7/14
650
1512545W3
white clear
28
7/14
1400
1512545W3D
white diffused
28
7/14
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com