Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323WQS Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 48Page - STMicroelectronics STA323WQS Datasheet HTML 49Page - STMicroelectronics STA323WQS Datasheet HTML 50Page - STMicroelectronics STA323WQS Datasheet HTML 51Page - STMicroelectronics STA323WQS Datasheet HTML 52Page - STMicroelectronics STA323WQS Datasheet HTML 53Page - STMicroelectronics STA323WQS Datasheet HTML 54Page - STMicroelectronics STA323WQS Datasheet HTML 55Page - STMicroelectronics STA323WQS Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Register descriptions
STA323WQS
52/78
7.8
AutoMode registers
7.8.1
AutoModes EQ, volume, GC (address 0x0B)
Setting AMEQ to any value, other than 00, enables automode EQ. When set, biquads 1-4
are not user programmable. Any coefficient settings for these biquads is ignored. Also when
automode EQ is used the pre-scale value for channels 1 and 2 becomes hard-set to -18 dB.
D7
D6
D5
D4
D3
D2
D1
D0
AMPS
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
1
0
0
000
0
Table 51.
Automode EQ
AMEQ[1,0]
Mode (Biquad 1-4)
00
User Programmable
01
Preset EQ - PEQ bits
10
Auto Volume Controlled Loudness Curve
11
Not used
Table 52.
Automode volume
AMV[1,0]
Mode (MVOL)
00
MVOL 0.5dB 256 steps (standard)
01
MVOL auto curve 30 steps
10
MVOL auto curve 40 steps
11
MVOL auto curve 50 steps
Table 53.
Automode gain compression/limiters
AMGC[1:0]
Mode
00
User programmable GC
01
AC no clipping
10
AC limited clipping (10%)
11
DRC night time listening mode
Table 54.
AMPS - automode auto pre scale
Bit
R/W
RST
Name
Description
0RW
0
AMPS
Auto Mode Pre-Scale
0: -18 dB used for pre-scale when AMEQ neq 00
1: User defined pre-scale when AMEQ neq 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com