Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323WQS Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 41Page - STMicroelectronics STA323WQS Datasheet HTML 42Page - STMicroelectronics STA323WQS Datasheet HTML 43Page - STMicroelectronics STA323WQS Datasheet HTML 44Page - STMicroelectronics STA323WQS Datasheet HTML 45Page - STMicroelectronics STA323WQS Datasheet HTML 46Page - STMicroelectronics STA323WQS Datasheet HTML 47Page - STMicroelectronics STA323WQS Datasheet HTML 48Page - STMicroelectronics STA323WQS Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
STA323WQS
Register descriptions
45/78
7.4
Configuration register D (address 0x03)
7.4.1
High-pass filter bypass
The STA323WQS features an internal digital high-pass filter for DC blocking. The purpose of
this filter is to prevent DC signals from passing through a DDX® amplifier. DC signals can
cause speaker damage.
7.4.2
De-emphasis
By setting this bit to 1, de-emphasis is implemented on all channels. DSPB (DSP Bypass,
Bit D2, CFA) bit must be set to 0 for de-emphasis to function.
7.4.3
DSP bypass
Setting the DSPB bit bypasses all the EQ and mixing functionality of the STA323WQS core.
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
00000000
Table 29.
High-pass filter bypass
Bit
R/W
RST
Name
Description
0RW
0
HPB
0: AC coupling high pass filter enabled
1: AC coupling high pass filter enabled
Table 30.
De-emphasis
Bit
R/W
RST
Name
Description
1RW
0
DEMP
0: no de-emphasis
1: de-emphasis
Table 31.
DSP bypass
Bit
R/W
RST
Name
Description
2
RW
0
DSPB
0: normal operation
1: bypass of EQ and mixing functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com