Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323WQS Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 44Page - STMicroelectronics STA323WQS Datasheet HTML 45Page - STMicroelectronics STA323WQS Datasheet HTML 46Page - STMicroelectronics STA323WQS Datasheet HTML 47Page - STMicroelectronics STA323WQS Datasheet HTML 48Page - STMicroelectronics STA323WQS Datasheet HTML 49Page - STMicroelectronics STA323WQS Datasheet HTML 50Page - STMicroelectronics STA323WQS Datasheet HTML 51Page - STMicroelectronics STA323WQS Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
Register descriptions
STA323WQS
48/78
7.5.5
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks are audible.
7.5.6
Soft volume update enable
The STA323WQS includes a soft volume algorithm that steps through the intermediate
volume values at a predetermined rate when a volume change occurs. By setting SVE = 0
this can be bypassed and volume changes will jump from the old to the new value directly.
This feature is available only if individual channel volume bypass bit is set to 0.
7.6
Configuration register F (address 0x05)
7.6.1
Output configuration selection
Table 40.
PWM output speed selections
PWMS[1:0]
PWM output speed
0
Normal speed (384kHz) all channels
1
Odd speed (341.3kHz) all channels
Table 41.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6RW
1
ZCE
1: volume adjustments will only occur at digital zero-
crossings
0: volume adjustments will occur immediately
Table 42.
Soft volume update enable
Bit
R/W
RST
Name
Description
7
RW
1
SVE
1: volume adjustments will use soft volume
0: volume adjustments will occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
RES
BCLE
IDE
OCFG1
OCFG0
0
10111
10
Table 43.
Output configuration selection
Bit
R/W
RST
Name
Description
1:0
RW
00
OCFG[1:
0]
00: 2-channel (full-bridge) power, 1-channel DDX is default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com