Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323WQS Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 21Page - STMicroelectronics STA323WQS Datasheet HTML 22Page - STMicroelectronics STA323WQS Datasheet HTML 23Page - STMicroelectronics STA323WQS Datasheet HTML 24Page - STMicroelectronics STA323WQS Datasheet HTML 25Page - STMicroelectronics STA323WQS Datasheet HTML 26Page - STMicroelectronics STA323WQS Datasheet HTML 27Page - STMicroelectronics STA323WQS Datasheet HTML 28Page - STMicroelectronics STA323WQS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
STA323WQS
Electrical characteristics curves
25/78
Figure 21.
FFT inter-modulation distortion 19 kHz and 20 kHz
5.2.2
Stereo mode, operation with VCC = 18.5 V
Figure 22.
Frequency response, 1 W, BTL, 8
Ω
Figure 23.
Channel separation, 1 W, BTL stereo mode
8ohm
-3
+3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
+2.5
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
dBr A
4 ohm
6ohm
8ohm
4ohm
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
dBr A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com