Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323WQS Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 15Page - STMicroelectronics STA323WQS Datasheet HTML 16Page - STMicroelectronics STA323WQS Datasheet HTML 17Page - STMicroelectronics STA323WQS Datasheet HTML 18Page - STMicroelectronics STA323WQS Datasheet HTML 19Page - STMicroelectronics STA323WQS Datasheet HTML 20Page - STMicroelectronics STA323WQS Datasheet HTML 21Page - STMicroelectronics STA323WQS Datasheet HTML 22Page - STMicroelectronics STA323WQS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
STA323WQS
Electrical specifications
19/78
4.2
DC electrical specifications (3.3 V buffers)
Operating conditions VDD33 = 3.3 V ±0.3 V, Tamb = 25° C unless otherwise specified
4.3
Power electrical specifications
Operating conditions VDD33 = 3.3 V ±0.3 V, VL = 3.3 V, VCC =30V, Tamb = 25° C unless
otherwise specified.
Table 10.
DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Low level Input voltage
0.8
V
VIH
High level Input voltage
2.0
V
Vhyst
Schmitt trigger hysteresis
0.4
V
Vol
Low level output
IoI = 2mA
0.15
V
Voh
High level output
Ioh = -2mA
VDD -
0.15
V
Table 11.
Power electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id = 1 A
200
270
m
Ω
Idss
Power Pchannel/Nchannel
leakage Idss
Vcc = 35 V
50
µA
gN
Power Pchannel RdsON
matching
Id = 1 A
95
%
gP
Power Nchannel RdsON
matching
Id = 1 A
95
%
Dt_s
Low current dead time (static)
See test circuits , Figure
11 and Figure 12
10
20
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load, Figure 11
and Figure 12
25
ns
tf
Fall time
Resistive load, Figure 11
and Figure 12
25
ns
VCC
Supply voltage
8
36
V
VL
Low logical state voltage
VL = 3.3 V
0.8
V
VH
High logical state voltage
VL = 3.3 V
1.7
V
IVCC-
PWRDN
Supply current from Vcc in
PWRDN
PWRDN = 0
3
mA
IVCC-hiz
Supply current from Vcc in 3-
state
VCC = 30 V, 3-state
22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com