Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 9 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 9 Page - Midas Components

Back Button MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components MPBV7 Datasheet HTML 10Page - Midas Components MPBV7 Datasheet HTML 11Page - Midas Components MPBV7 Datasheet HTML 12Page - Midas Components MPBV7 Datasheet HTML 13Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
80XX-Series MPU Parallel Interface Timing Characteristics:
Symbol Description
Min
Max
Unit
tcycle
Clock Cycle Time
300
-
ns
tAS
Address Setup Time
20
-
ns
tAH
Address Hold Time
0
-
ns
tDW
Data Write Time
70
-
ns
tDSW
Write Data Setup Time
40
-
ns
tDHW
Write Data Hold Time
15
-
ns
tDHR
Read Data Hold Time
20
-
ns
tOH
Output Disable Time
-
70
ns
tACC
Access Time
-
140
ns
tPWLR
Read Low Time
120
-
ns
tPWLW
Write Low Time
60
-
ns
tPWHR
Read High Time
60
-
ns
tPWHW
Write High Time
60
-
ns
tCS
Chip Select Setup Time
0
-
ns
tCSH
Chip Select Hold Time to Read Signal
0
-
ns
tCSF
Chip Select Hold Time
20
-
ns
tR
Rise Time
-
40
ns
tF
Fall Time
-
40
ns
* (VDD - VSS = 1.65V to 3.5V, Ta = 25°C)
(
Read Timing )
(
Write Timing )
Page 9 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com