Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 3 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Mechanical Drawing
3±0.3
Protective Tape
15x8x0.05mm
27.22±0.2 (Panel Size)
23.03±0.2 (Cap Size)
21.8 (Polarizer)
0.5±0.5
Glue
Remove Tape
t=0.15mm Max
Polarizer
t=0.2mm
8
0.254
0.274
P0.274x64-0.02=17.516 (A/A)
19.516 (V/A)
(3)
(2)
36±0.5
6±0.3
25±0.3
(63.22)
Contact Side
4.5±0.5 (Stiffener)
(5.18)
(1.45)
(33.85)
Page 3 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com