Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 17 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 17 Page - Midas Components

Back Button MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components MPBV7 Datasheet HTML 17Page - Midas Components MPBV7 Datasheet HTML 18Page - Midas Components MPBV7 Datasheet HTML 19Page - Midas Components MPBV7 Datasheet HTML 20Page - Midas Components MPBV7 Datasheet HTML 21Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
O
Ouuttggooiinngg Q
Quuaalliittyy CCoonnttrrooll SSppeecciiffiiccaattiioonnss
Environment Required
Customer’s test & measurement are required to be conducted under the following conditions:
Temperature:
23
± 5°C
Humidity:
55
± 15% RH
Fluorescent Lamp:
30W
Distance between the Panel & Lamp:
≥ 50cm
Distance between the Panel & Eyes of the Inspector:
≥ 30cm
Finger glove (or finger cover) must be worn by the inspector.
Inspection table or jig must be anti-electrostatic.
Sampling Plan
Level II, Normal Inspection, Single Sampling, MIL-STD-105E
Criteria & Acceptable Quality Level
Partition
AQL
Definition
Major
0.65
Defects in Pattern Check (Display On)
Minor
1.0
Defects in Cosmetic Check (Display Off)
Cosmetic Check (Display Off) in Non-Active Area
Check Item
Classification
Criteria
Panel General Chipping
Minor
X > 6 mm (Along with Edge)
Y > 1 mm (Perpendicular to edge)
X
Y
X
Y
Page 17 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com