Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 7 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 7 Page - Midas Components

Back Button MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components MPBV7 Datasheet HTML 10Page - Midas Components MPBV7 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
O
Oppttiiccss &
& EElleeccttrriiccaall CChhaarraacctteerriissttiiccss
Optics Characteristics
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Brightness
Lbr
Note 5
100
120
-
cd/m2
C.I.E. (Blue)
(x)
(y)
C.I.E. 1931
0.12
0.22
0.16
0.26
0.20
0.30
Dark Room Contrast
CR
-
>10,000:1
-
Viewing Angle
-
Free
-
degree
* Optical measurement taken at VDD = 2.8V, VCC = 12.5V.
Software configuration follows Section 4.4 Initialization.
DC Characteristics
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage for Logic
VDD
1.65
2.8
3.3
V
Supply Voltage for Display
VCC
Note 5
12.0
12.5
13.0
V
High Level Input
VIH
IOUT = 100μA, 3.3MHz 0.8×VDD
-
VDD
V
Low Level Input
VIL
IOUT = 100μA, 3.3MHz
0
-
0.2
×VDD
V
High Level Output
VOH
IOUT = 100μA, 3.3MHz 0.9×VDD
-
VDD
V
Low Level Output
VOL
IOUT = 100μA, 3.3MHz
0
-
0.1
×VDD
V
Operating Current for VDD
IDD
-
180
300
μA
Note 6
-
11.8
14.8
mA
Note 7
-
19.1
23.9
mA
Operating Current for VCC
ICC
Note 8
-
35.6
44.5
mA
Sleep Mode Current for VDD IDD, SLEEP
-
1
5
μA
Sleep Mode Current for VCC
ICC, SLEEP
-
2
10
μA
Note 5: Brightness (Lbr) and Supply Voltage for Display (VCC) are subject to the change of the panel
characteristics and the customer’s request.
Note 6: VDD = 2.8V, VCC = 12.5V, 30% Display Area Turn on.
Note 7: VDD = 2.8V, VCC = 12.5V, 50% Display Area Turn on.
Note 8: VDD = 2.8V, VCC = 12.5V, 100% Display Area Turn on.
* Software configuration follows Section 4.4 Initialization.
Page 7 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com