Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 2 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 2 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Passive Matrix
Monochrome (Light Blue)
BBaassiicc SSppeecciiffiiccaattiioonnss
Display Specifications
1) Display Mode:
2) Display Color:
3) Drive Duty:
1/64 Duty
Mechanical Specifications
1) Outline Drawing:
According to the annexed outline drawing
2) Number of Pixels:
128
× 64
3) Panel Size:
42.04
× 27.22 × 1.45 (mm)
4) Active Area:
35.052
× 17.516 (mm)
5) Pixel Pitch:
0.274
× 0.274 (mm)
6) Pixel Size:
0.254
× 0.254 (mm)
7) Weight:
3.28 (g)
Active Area / Memory Mapping & Pixel Construction
P0.274x128-0.02=35.052 (A/A)
"A"
Segment 0
( Column 128 )
Common 31
( Row 2 )
Common 0
( Row 64 )
Segment 127
( Column 1 )
Common 63
( Row 1 )
Common 32
( Row 63 )
Detail "A"
Scale (10:1)
0.254
0.274
(127, 63)
(0, 0)
Driver IC Memory Mapping
(Full 128 x 64)
Page 2 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com