Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 10 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 10 Page - Midas Components

Back Button MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components MPBV6 Datasheet HTML 10Page - Midas Components MPBV6 Datasheet HTML 11Page - Midas Components MPBV6 Datasheet HTML 12Page - Midas Components MPBV6 Datasheet HTML 13Page - Midas Components MPBV6 Datasheet HTML 14Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test and measurement conditions
1. All measurements shall not be started until the specimens attain to temperature stability.
After the completion of the described reliability test, the samples were left at room
temperature for 2 hrs prior to conducting the failure test at 23±5°C; 55±15% RH.
2. All-pixels-on is used as operation test pattern.
3. The degradation of Polarizer are ignored for High Temperature storage, High Temperature/
Humidity Storage, Temperature Cycle
Evaluation criteria
1. The function test is OK.
2. No observable defects.
3. Luminance: > 50% of initial value.
4. Current consumption: within ± 50% of initial value.
APPENDIX:
RESIDUE IMAGE
Because the pixels are lighted in different time, the luminance of active pixels
may reduce or differ from inactive pixels. Therefore, the residue image will occur.
To avoid the residue image, every pixel needs to be lighted up uniformly.
Page 10 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com