Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 1 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 1 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MCOT128064H1V-GM
128 x 64
OLED Module
Specification
Version:
1
Date:
04/06/2016
Revision
Display Accessories
Part Number
Description
Optional Variants
Appearance
Voltage
01/06/2016
First Issue
1
Display Features
Resolution
128 x 64
Appearance
Green on Black
Logic Voltage
3V
Interface
Multi
Module Size
60.50 x 37.00 x 2.15mm
Operating Temperature
-40°C ~ +80°C
Box Quantity
Weight / Display
Construction
COT
---
---
* - For full design functionality, please use this
specification in conjunction with the SSD1309Z
specification. (Provided Separately)
MPBV6
FFC to cable. Supports up to 40
way. Any driver board that supports
1mm pitch SHDR-40V-S-B
receptacle.
UC32 Breakout Board with SD card
and LED back light driver. Used in
conjunction with MPBV6.
MCIB12
Page 1 of 18
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Sauls Wharf House
Sauls Wharf House
Crittens Road
Crittens Road
Great Yarmouth
Great Yarmouth
Norfolk
Norfolk
NR31 0AG
NR31 0AG


Similar Part No. - MPBV6

ManufacturerPart #DatasheetDescription
logo
Midas Components
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
2Mb / 4P
OLED Module
Version: 3 07/06/2017
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
1Mb / 18P
OLED Module
Version: 1 04/06/2016
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
1Mb / 7P
TFT Module
Version: 2 13/10/2021
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
1Mb / 7P
TFT Module
Version: 1 02/02/2018
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
1,009Kb / 25P
TFT Module
Version: 1 25/01/2022
More results

Similar Description - MPBV6

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMB3 NEWHAVEN-NHD-2.8-25664UMB3 Datasheet
408Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
NHD-0216KZW-AG5 NEWHAVEN-NHD-0216KZW-AG5_14 Datasheet
2Mb / 22P
OLED Display Module
logo
Crystalfontz America, I...
CFAL1602L0-Y CRYSTAIFONTZ-CFAL1602L0-Y Datasheet
361Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com