Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 2 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 2 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
General Specification
The Features is described as follow:
Module dimension: 60.5 × 37.0 × 2.15
mm
Active area: 55.01 × 27.49mm
Dot Matrix: 128*64
Dot size: 0.40 × 0.40 mm
Dot pitch: 0.43 × 0.43 mm
Display Mode:Passive Matrix
Duty: 1/64 Duty
Display Color: OLED , Green
Controller IC: SSD1309Z
SIZE:2.42 inch
Page 2 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com