Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 4 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 4 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
18
R/W#
This pin is read / write control input pin connecting to the MCU
interface.
When 6800 interface mode is selected, this pin will be used as
Read/Write (R/W#)
selection input. Read mode will be carried out when this pin is pulled
HIGH and
write mode when LOW.
When 8080 interface mode is selected, this pin will be the Write (WR#)
input. Data
write operation is initiated when this pin is pulled LOW and the chip is
selected.
When serial or I2C interface is selected, this pin must be connected to
VSS.
19
E/RD#
This pin is MCU interface input.
When 6800 interface mode is selected, this pin will be used as the
Enable (E) signal.
Read/write operation is initiated when this pin is pulled HIGH and the
chip is selected.
When 8080 interface mode is selected, this pin receives the Read
(RD#) signal. Read operation is initiated when this pin is pulled LOW
and the chip is selected.
When serial or I2C interface is selected, this pin must be connected to
VSS.
20~27
D0~D7
These pins are bi-directional data bus connecting to the MCU data bus.
Unused pins are recommended to tie LOW.
When serial interface mode is selected, D0 will be the serial clock
input: SCLK; D1 will be the serial data input: SDIN and D2 should be
kept NC.
When I2C mode is selected, D2, D1 should be tied together and serve
as SDAout, SDAin in application and D0 is the serial clock input, SCL.
28
IREF
This pin is the segment output current reference pin.
IREF is supplied externally.
A resistor should be connected between this pin and VSS to maintain
the current around 10uA. Please refer to Figure 8-15 for the details of
resistor value
29
VCOMH
COM signal deselected voltage level.
A capacitor should be connected between this pin and VSS.
30
VCC
Power supply for panel driving voltage. This is also the most positive
power voltage supply pin.
31
NC(GND) No connection (ground.)
Page 4 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com