Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 13 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 13 Page - Midas Components

Back Button MPBV6 Datasheet HTML 9Page - Midas Components MPBV6 Datasheet HTML 10Page - Midas Components MPBV6 Datasheet HTML 11Page - Midas Components MPBV6 Datasheet HTML 12Page - Midas Components MPBV6 Datasheet HTML 13Page - Midas Components MPBV6 Datasheet HTML 14Page - Midas Components MPBV6 Datasheet HTML 15Page - Midas Components MPBV6 Datasheet HTML 16Page - Midas Components MPBV6 Datasheet HTML 17Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NO Item
Criterion
AQL
06
Glass
crack
Symbols :
x: Chip length
y: Chip width
z: Chip thickness
k: Seal width
t: Glass thickness
a: OLED side length
L: Electrode pad length
6.2 Protrusion over terminal :
6.2.1 Chip on electrode pad :
y: Chip width
x: Chip length
z: Chip thickness
y≦0.5mm
x≦1/8a
0 < z ≦ t
6.2.2 Non-conductive portion:
y: Chip width
x: Chip length
z: Chip
thickness
y≦ L
x≦1/8a
0 < z ≦ t
☉If the chipped area touches the ITO terminal, over 2/3 of the ITO
must remain and be inspected according to electrode terminal
specifications.
☉If the product will be heat sealed by the customer, the alignment
mark not be damaged.
6.2.3 Substrate protuberance and internal crack.
y: width
x: length
y≦1/3L
x ≦ a
2.5
Page 13 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com