Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 428 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 428 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 424Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 425Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 426Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 428Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 429Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 430Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 431Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 432Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 483 page
background image
Peripherals
When the read command is received the TWI slave will enter the TX state if the internal 'TX prepared' flag
is set.
If the internal 'TX prepared' flag is not set when the read command is received, the TWI slave will stretch
the master's clock until the PREPARETX task is triggered and the internal 'TX prepared' flag is set.
The TWI slave will generate the TXSTARTED event and clear the 'TX prepared' flag ('unprepare TX') when it
enters the TX state. In this state the TWI slave will send the data bytes found in the transmit buffer to the
master using the master's clock. The TWI slave will consume ITX in this mode.
The TWI slave will go back to the IDLE state if the TWI slave receives a restart command when it is in the
TX state.
The TWI slave is stopped when it receives the stop condition from the TWI master. A STOPPED event
will be generated when the transaction has stopped. The TWI slave will clear the 'TX prepared' flag
('unprepare TX') and go back to the IDLE state when it has stopped.
The transmit buffer is located in RAM at the address specified in the TXD.PTR register. The TWI slave will
only be able to send TXD.MAXCNT bytes from the transmit buffer for each transaction. If the TWI master
forces the slave to send more than TXD.MAXCNT bytes, the slave will send the byte specified in the ORC
register to the master instead. If this happens, an ERROR event will be generated.
The EasyDMA configuration registers, see TXD.PTR etc., are latched when the TXSTARTED event is
generated.
The TWI slave can be forced to stop by triggering the STOP task. A STOPPED event will be generated when
the TWI slave has stopped. The TWI slave will clear the 'TX prepared' flag and go back to the IDLE state
when it has stopped, see also Terminating an ongoing TWI transaction on page 430.
Each byte sent from the slave will be followed by an ACK/NACK bit sent from the master. The TWI master
will generate a NACK following the last byte that it wants to receive to tell the slave to release the bus so
that the TWI master can generate the stop condition. The TXD.AMOUNT register can be queried after a
transaction to see how many bytes were sent.
A typical TWI slave read command response is illustrated in The TWI slave responding to a read command
on page 428. Occurrence 2 in the figure illustrates clock stretching performed by the TWI slave following
a SUSPEND task.
3
2
ADDR
0
N-1
N
2
4
1
Stretch
1
Figure 117: The TWI slave responding to a read command
6.24.3 TWI slave responding to a write command
Before the TWI slave can respond to a write command the TWI slave must be configured correctly
and enabled via the ENABLE register. When enabled the TWI slave will be in its IDLE state where it will
consume IIDLE.
4430_161 v1.0
428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com